Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE15ABDTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # LE15ABDTR
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE15ABDTR Datasheet(HTML) 2 Page - STMicroelectronics

  LE15ABDTR Datasheet HTML 1Page - STMicroelectronics LE15ABDTR Datasheet HTML 2Page - STMicroelectronics LE15ABDTR Datasheet HTML 3Page - STMicroelectronics LE15ABDTR Datasheet HTML 4Page - STMicroelectronics LE15ABDTR Datasheet HTML 5Page - STMicroelectronics LE15ABDTR Datasheet HTML 6Page - STMicroelectronics LE15ABDTR Datasheet HTML 7Page - STMicroelectronics LE15ABDTR Datasheet HTML 8Page - STMicroelectronics LE15ABDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LE00AB/C SERIES
2/27
Table 1: Absolute Maximum Ratings
(*) Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the die attach
flag. This particular frame decreases the total thermal resistance of the package and increases its ability to dissipate power when an appro-
priate area of copper on the printed circuit board is available for heatsinking. The external dimensions are the same as for the standard SO-8.
Table 2: Thermal Data
Figure 1: Test Circuits
Note: If the Inhibit pin is left floating, the regulator is in ON mode. However, to avoid any noise picking-up, it is suggested to ground it when
the Inhibit function is not used.
Figure 2: Pin Connection (top view)
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
20
V
IO
Output Current
Internally Limited (*)
Ptot
Power Dissipation
Internally Limited (*)
Tstg
Storage Temperature Range
-40 to 150
°C
Top
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
SO-8
TO-92
Unit
Rthj-case
Thermal Resistance Junction-case
20
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
55
200
°C/W
SO-8
TO-92
BOTTOM VIEW
PIN 1 = VOUT
PIN 2 = GND
PIN 3 = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com