Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE15ABDTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # LE15ABDTR
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE15ABDTR Datasheet(HTML) 3 Page - STMicroelectronics

  LE15ABDTR Datasheet HTML 1Page - STMicroelectronics LE15ABDTR Datasheet HTML 2Page - STMicroelectronics LE15ABDTR Datasheet HTML 3Page - STMicroelectronics LE15ABDTR Datasheet HTML 4Page - STMicroelectronics LE15ABDTR Datasheet HTML 5Page - STMicroelectronics LE15ABDTR Datasheet HTML 6Page - STMicroelectronics LE15ABDTR Datasheet HTML 7Page - STMicroelectronics LE15ABDTR Datasheet HTML 8Page - STMicroelectronics LE15ABDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LE00AB/C SERIES
3/27
Table 3: Ordering Codes
(*) Available in Tape & Reel with the suffix "-TR".
(#) Available in Tape & Reel with the suffix "-TR" and in Ammopak with the suffix "-AP".
TYPE
SO-8 (*)
TO-92 (#)
OUTPUT VOLTAGE
LE12AB
LE12ABD
LE12ABZ
1.25 V
LE12C
LE12CD
LE12CZ
1.25 V
LE15AB
LE15ABD
LE15ABZ
1.5 V
LE15C
LE15CD
LE15CZ
1.5 V
LE25AB
LE25ABD
LE25ABZ
2.5 V
LE25C
LE25CD
LE25CZ
2.5 V
LE27AB
LE27ABD
LE27ABZ
2.7 V
LE27C
LE27CD
LE27CZ
2.7 V
LE30AB
LE30ABD
LE30ABZ
3 V
LE30C
LE30CD
LE30CZ
3 V
LE33AB
LE33ABD
LE33ABZ
3.3 V
LE33C
LE33CD
LE33CZ
3.3 V
LE35AB
LE35ABD
LE35ABZ
3.5 V
LE35C
LE35CD
LE35CZ
3.5 V
LE40AB
LE40ABD
LE40ABZ
4 V
LE40C
LE40CD
LE40CZ
4 V
LE45AB
LE45ABD
LE45ABZ
4.5 V
LE45C
LE45CD
LE45CZ
4.5 V
LE47AB
LE47ABD
LE47ABZ
4.7 V
LE47C
LE47CD
LE47CZ
4.7 V
LE50AB
LE50ABD
LE50ABZ
5 V
LE50C
LE50CD
LE50CZ
5 V
LE52AB
LE52ABD
LE52ABZ
5.2 V
LE52C
LE52CD
LE52CZ
5.2 V
LE55AB
LE55ABD
LE55ABZ
5.5 V
LE55C
LE55CD
LE55CZ
5.5 V
LE60AB
LE60ABD
LE60ABZ
6 V
LE60C
LE60CD
LE60CZ
6 V
LE80AB
LE80ABD
LE80ABZ
8 V
LE80C
LE80CD
LE80CZ
8 V
LE120AB
LE120ABD
LE120ABZ
12 V
LE120C
LE120CD
LE120CZ
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com