Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL071IP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL071IP Datasheet(HTML) 5 Page - Texas Instruments

  TL071IP Datasheet HTML 1Page - Texas Instruments TL071IP Datasheet HTML 2Page - Texas Instruments TL071IP Datasheet HTML 3Page - Texas Instruments TL071IP Datasheet HTML 4Page - Texas Instruments TL071IP Datasheet HTML 5Page - Texas Instruments TL071IP Datasheet HTML 6Page - Texas Instruments TL071IP Datasheet HTML 7Page - Texas Instruments TL071IP Datasheet HTML 8Page - Texas Instruments TL071IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
†
‡
TL071C
TL071AC
TL071BC
TL071I
PARAMETER
TEST CONDITIONS†
T ‡
TL071C
TL072C
TL071AC
TL072AC
TL071BC
TL072BC
TL071I
TL072I
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
TL074C
TL074AC
TL074BC
TL074I
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO =0
RS =50 Ω
25
°C
3
10
3
6
2
3
3
6
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
13
7.5
5
8
mV
αVIO
Temperature
coefficient of input
offset voltage
VO = 0,
RS = 50 Ω
Full range
18
18
18
18
µV/°C
IIO
Input offset current
VO =0
25
°C
5
100
5
100
5
100
5
100
pA
IIO
Input offset current
VO = 0
Full range
10
2
2
2
nA
IIB
Input bias current§
VO =0
25
°C
65
200
65
200
65
200
65
200
pA
IIB
Input bias current§
VO = 0
Full range
7
7
7
20
nA
Common mode
–12
–12
–12
–12
VICR
Common-mode
input voltage range
25
°C
±11
12
to
±11
12
to
±11
12
to
±11
12
to
V
ICR
input voltage range
15
15
15
15
Maximum peak
RL = 10 kΩ
25
°C
±12 ±13.5
±12 ±13.5
±12 ±13.5
±12 ±13.5
VOM
Maximum eak
output voltage
RL ≥ 10 kΩ
Full range
±12
±12
±12
±12
V
swing
RL ≥ 2 kΩ
Full range
±10
±10
±10
±10
AVD
Large-signal
differential voltage
VO = ±10 V
RL ≥ 2kΩ
25
°C
25
200
50
200
50
200
50
200
V/mV
AVD
differential voltage
amplification
VO = ±10 V, RL ≥ 2 kΩ
Full range
15
25
25
25
V/mV
B1
Unity-gain
bandwidth
25
°C
3
3
3
3
MHz
ri
Input resistance
25
°C
1012
1012
1012
1012
Ω
CMRR
Common-mode
VIC = VICRmin,
25
°C
70
100
75
100
75
100
75
100
dB
CMRR
rejection ratio
VO = 0,
RS = 50 Ω
25
°C
70
100
75
100
75
100
75
100
dB
kSVR
Supply-voltage
rejection ratio
VCC = ± 9 V to ± 15 V,
25
°C
70
100
80
100
80
100
80
100
dB
kSVR
rejection ratio
(
∆VCC±/∆VIO)
VO = 0,
RS = 50 Ω
25
°C
70
100
80
100
80
100
80
100
dB
ICC
Supply current
VO =0
No load
25
°C
14
25
14
25
14
25
14
25
mA
ICC
y
(each amplifier)
VO = 0,
No load
25
°C
1.4
2.5
1.4
2.5
1.4
2.5
1.4
2.5
mA
VO1/VO2
Crosstalk
attenuation
AVD = 100
25
°C
120
120
120
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified.
‡ Full range is TA = 0°C to 70°C for TL07_C,TL07_AC, TL07_BC and is TA = –40°C to 85°C for TL07_I.
§ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in Figure 4. Pulse techniques must be used
that maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com