Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL071IP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL071IP Datasheet(HTML) 1 Page - Texas Instruments

  TL071IP Datasheet HTML 1Page - Texas Instruments TL071IP Datasheet HTML 2Page - Texas Instruments TL071IP Datasheet HTML 3Page - Texas Instruments TL071IP Datasheet HTML 4Page - Texas Instruments TL071IP Datasheet HTML 5Page - Texas Instruments TL071IP Datasheet HTML 6Page - Texas Instruments TL071IP Datasheet HTML 7Page - Texas Instruments TL071IP Datasheet HTML 8Page - Texas Instruments TL071IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Power Consumption
D Wide Common-Mode and Differential
Voltage Ranges
D Low Input Bias and Offset Currents
D Output Short-Circuit Protection
D Low Total Harmonic Distortion
0.003% Typ
D Low Noise
Vn = 18 nV/√Hz Typ at f = 1 kHz
D High Input Impedance... JFET Input Stage
D Internal Frequency Compensation
D Latch-Up-Free Operation
D High Slew Rate...13 V/µs Typ
D Common-Mode Input Voltage Range
Includes VCC+
description
The JFET-input operational amplifiers in the TL07_ series are designed as low-noise versions of the TL08_
series amplifiers with low input bias and offset currents and fast slew rate. The low harmonic distortion and low
noise make the TL07_ series ideally suited for high-fidelity and audio preamplifier applications. Each amplifier
features JFET inputs (for high input impedance) coupled with bipolar output stages integrated on a single
monolithic chip.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of – 55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)†
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(N)
PLASTIC
DIP
(P)
TSSOP
PACKAGE
(PW)
FLAT
PACKAGE
(W)
10 mV
TL071CD
TL071CP
TL071CPWLE
10 mV
6 mV
TL071CD
TL071ACD
—
—
—
—
TL071CP
TL071ACP
TL071CPWLE
—
—
3 mV
TL071BCD
TL071BCP
—
0
°Cto
10 mV
TL072CD
TL072CP
TL072CPWLE
0
°C to
70
°C
10 mV
6 mV
TL072CD
TL072ACD
—
—
—
—
TL072CP
TL072ACP
TL072CPWLE
—
—
70
°C
3 mV
TL072BCD
TL072BCP
—
10 mV
TL074CD
TL074CN
TL074CPWLE
10 mV
6 mV
TL074CD
TL074ACD
—
—
—
TL074CN
TL074ACN
—
TL074CPWLE
—
—
3 mV
TL074BCD
TL074BCN
—
40
°Cto
TL071ID
—
TL071IP
–40
°C to
85
°C
6 mV
TL071ID
TL072ID
—
—
—
—
TL071IP
TL072IP
—
—
85
°C
TL074ID
TL074IN
—
55
°Cto
6 mV
TL071MFK
—
TL071MJG
—
—
—
– 55
°C to
125
°C
6 mV
—
TL072MFK
—
TL072MJG
—
TL072MP
—
—
125 C
9 mV
TL074MFK
TL074MJ
—
TL074MN
—
TL074MW
† The D package is available taped and reeled. Add the suffix R to the device type (e.g., TL071CDR). The PW package is only available left-ended
taped and reeled (e.g., TL072CPWLE).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL071IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL071IP TI-TL071IP Datasheet
903Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071IP TI-TL071IP Datasheet
1Mb / 41P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071IP TI-TL071IP Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071IP TI-TL071IP Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071IP TI1-TL071IP Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL071IP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Texas Instruments
TL071 TI-TL071_07 Datasheet
1Mb / 41P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_10 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
Low-Noise JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com