Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072IP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL072IP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL072IP Datasheet HTML 3Page - Texas Instruments TL072IP Datasheet HTML 4Page - Texas Instruments TL072IP Datasheet HTML 5Page - Texas Instruments TL072IP Datasheet HTML 6Page - Texas Instruments TL072IP Datasheet HTML 7Page - Texas Instruments TL072IP Datasheet HTML 8Page - Texas Instruments TL072IP Datasheet HTML 9Page - Texas Instruments TL072IP Datasheet HTML 10Page - Texas Instruments TL072IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TL07xM
ALL OTHERS
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V,
CL = 100 pF,
RL = 2 kΩ,
See Figure 1
5
13
8
13
V/
µs
t
Rise time overshoot
VI = 20 mV,
RL = 2 kΩ,
0.1
0.1
µs
tr
factor
I
,
CL = 100 pF,
L
,
See Figure 1
20%
20%
V
Equivalent input noise
RS =20 Ω
f = 1 kHz
18
18
nV/
√Hz
Vn
q
voltage
RS = 20 Ω
f = 10 Hz to 10 kHz
4
4
µV
In
Equivalent input noise
current
RS = 20 Ω,
f = 1 kHz
0.01
0.01
pA/
√Hz
THD
Total harmonic
distortion
VIrms = 6 V,
RL ≥ 2 kΩ,
f = 1 kHz
AVD = 1,
RS ≤ 1 kΩ ,
0.003%
0.003%
PARAMETER MEASUREMENT INFORMATION
Figure 1. Unity-Gain Amplifier
VI
CL = 100 pF
RL = 2 kΩ
VO
Figure 2. Gain-of-10 Inverting Amplifier
VI
10 k
Ω
1 k
Ω
RL
CL = 100 pF
VO
N1
100 k
Ω
TL071
N2
1.5 k
Ω
VCC –
OUT
IN –
IN +
Figure 3. Input Offset Voltage Null Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com