Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072IP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL072IP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072IP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL072IP Datasheet HTML 6Page - Texas Instruments TL072IP Datasheet HTML 7Page - Texas Instruments TL072IP Datasheet HTML 8Page - Texas Instruments TL072IP Datasheet HTML 9Page - Texas Instruments TL072IP Datasheet HTML 10Page - Texas Instruments TL072IP Datasheet HTML 11Page - Texas Instruments TL072IP Datasheet HTML 12Page - Texas Instruments TL072IP Datasheet HTML 13Page - Texas Instruments TL072IP Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
0
°
45
°
180
°
135
°
90
°
1
1
f – Frequency – Hz
10 M
106
10
100
1 k
10 k
100 k
1 M
101
102
103
104
105
Differential
Voltage
Amplification
VCC
± = ±5 V to ±15 V
RL = 2 kΩ
TA = 25°C
Phase Shift
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
Figure 12
1.02
1.01
1
0.99
0.98
1.03
0.97
–75
0.7
TA – Free-Air Temperature – °C
125
1.3
–50
–25
0
25
50
75
100
0.8
0.9
1
1.1
1.2
Unity-Gain Bandwidth
VCC
± = ±15 V
RL = 2 kΩ
f = B1 for Phase Shift
NORMALIZED UNITY-GAIN BANDWIDTH
AND PHASE SHIFT
vs
FREE-AIR TEMPERATURE
Phase Shift
Figure 13
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com