Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS40 Datasheet(PDF) 1 Page - Same Sky Devices

Part # TS40
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS40 Datasheet(HTML) 1 Page - Same Sky Devices

  TS40 Datasheet HTML 1Page - Same Sky Devices TS40 Datasheet HTML 2Page - Same Sky Devices TS40 Datasheet HTML 3Page - Same Sky Devices TS40 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 11/20/2025
page 1 of 4
SERIES: TS40 | DESCRIPTION: TACTILE SWITCH
sameskydevices.com
FEATURES
• red actuator
• black actuator
• 160 & 260 gf
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1
12
Vdc
rated current
0.01
50
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
applying load of 2 times operating force at 5 Vdc, 10 mA
100
mΩ
insulation resistance
at 100 Vdc for 1 minute
100
MΩ
operating force
160 gf models
260 gf models
110
190
160
260
210
330
gf
gf
return force
20
gf
actuator travel
0.20
0.30
0.40
mm
operating temperature
-20
70
°C
storage temperature
-40
85
°C
life
rated load, 2 cycle/second, 1.5 times operating force
100,000
cycles
vibration
10~55~10 Hz, 1.5 mm amplitude, 2 hours on each XYZ
flammability rating
see material table
RoHS
yes
PART NUMBER KEY
Base Number
TS40 - 66 - XX - XX - XXX - SMT - TR
Actuator Height above PCB:
*33 = 3.3 mm
50 = 5.0 mm
38 = 3.8 mm
55 = 5.5 mm
43 = 4.3 mm
70 = 7.0 mm
45 = 4.5 mm
Push Force:
160 = 160 gf
260 = 260 gf
Actuator Color:
BK = black
R = red
Note: *3.3 mm height option only available with black actuator.
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - TS40

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS4040 STMICROELECTRONICS-TS4040 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040DILT-2.5 STMICROELECTRONICS-TS4040DILT-2.5 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS4040DILT-2.5 STMICROELECTRONICS-TS4040DILT-2.5 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
More results

Similar Description - TS40

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com