Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS40 Datasheet(PDF) 2 Page - Same Sky Devices

Part # TS40
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS40 Datasheet(HTML) 2 Page - Same Sky Devices

  TS40 Datasheet HTML 1Page - Same Sky Devices TS40 Datasheet HTML 2Page - Same Sky Devices TS40 Datasheet HTML 3Page - Same Sky Devices TS40 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAME SKY | SERIES: TS40 | DESCRIPTION: TACTILE SWITCH
date 11/20/2025 | page 2 of 4
sameskydevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.2 mm
unless otherwise noted
DESCRIPTION
MATERIAL
PLATING/COLOR
terminals
brass
silver
housing
PPA (UL94HB)
black
contacts
SUS
silver
cover
SUS
--
waterproof silicone silicone
black
stem
PPA (UL94HB)
see part number key
Recommended PCB Layout
Top View
Height Table
Actuator Height Models
H
L
Actuator Height Models
H
L
33
3.3 mm
2.80 mm
50
5.0 mm
3.15 mm
38
3.8 mm
55
5.5 mm
43
4.3 mm
3.15 mm
70
7.0 mm
45
4.5 mm
ACTUATOR POSITION
( ): MOMENTARY
NORMAL
DOWN
OFF
(ON)
SCHEMATIC
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com