Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADFCA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC8309CVMADFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADFCA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC8309CVMADFCA Datasheet HTML 3Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 4Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 5Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 6Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 9Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 10Page - NXP Semiconductors MPC8309CVMADFCA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
7
Electrical Characteristics
•
IO Sequencer
•
Direct memory access (DMA) controller (DMA Engine 2)
— Four independent fully programmable DMA channels
— Concurrent execution across multiple channels with programmable bandwidth control
— Misaligned transfer capability for source/destination address
— Data chaining and direct mode
— Interrupt on completed segment, error, and chain
•
DUART
— Supports 2 DUART
— Each has two 2-wire interfaces (RxD, TxD)
– The same can be configured as one 4-wire interface (RxD, TxD, RTS, CTS)
— Programming model compatible with the original 16450 UART and the PC16550D
•
Serial peripheral interface (SPI)
— Master or slave support
•
Power managemnt controller (PMC)
— Supports core doze/nap/sleep/ power management
— Exits low power state and returns to full-on mode when
– The core internal time base unit invokes a request to exit low power state
– The power management controller detects that the system is not idle and there are
outstanding transactions on the internal bus or an external interrupt.
•
Parallel I/O
— General-purpose I/O (GPIO)
– 56 parallel I/O pins multiplexed on various chip interfaces
– Interrupt capability
•
System timers
— Periodic interrupt timer
— Software watchdog timer
— Eight general-purpose timers
•
Real time clock (RTC) module
— Maintains a one-second count, unique over a period of thousands of years
— Two possible clock sources:
– External RTC clock (RTC_PIT_CLK)
– CSB bus clock
•
IEEE Std. 1149.1™ compliant JTAG boundary scan
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8309. The MPC8309 is currently targeted to these specifications. Some of these specifications are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com