Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADFC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MPC8309CVMADFC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADFC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MPC8309CVMADFC Datasheet HTML 37Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 38Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 39Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 40Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 41Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 42Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 43Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 44Page - NXP Semiconductors MPC8309CVMADFC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
41
FlexCAN
15 FlexCAN
This section describes the DC and AC electrical specifications for the FlexCAN interface.
15.1
FlexCAN DC Electrical Characteristics
The following table provides the DC electrical characteristics for the FlexCAN interface.
15.2
FlexCAN AC Timing Specifications
The following table provides the AC timing specifications for the FlexCAN interface.
Table 41. FlexCAN DC Electrical Characteristics (3.3V)
For recommended operating conditions, see Table 2
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±5
A2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
V
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Min VILand max VIH values are based on the respective min and max OVIN values found in Table 2.
2. OVIN represents the input voltage of the supply. It is referenced in Table 2.
Table 42. FlexCAN AC Timing Specifications
For recommended operating conditions, see Table 2
Parameter
Min
Max
Unit
Notes
Baud rate
10
1000
Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com