Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G175BMDBVREP Datasheet(PDF) 13 Page - Texas Instruments

Part # CLVC1G175BMDBVREP
Description  SN74LVC1G175B-EP Enhanced Product, Single D-Type Flip-Flop with Asynchronous Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLVC1G175BMDBVREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLVC1G175BMDBVREP Datasheet HTML 9Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 10Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 11Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 12Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 13Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 14Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 15Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 16Page - Texas Instruments CLVC1G175BMDBVREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Multiple SN74LVC1G175B-EP devices can be used in tandem to create a shift register of arbitrary length. In this
example, we use four SN74LVC1G175B-EP devices to form a 4-bit serial shift register. By connecting all CLK
inputs to a common clock pulse and tying each output of one device to the next, we can store and load 4-bit
values on demand. We demonstrate loading the 4 bit value 1101 into memory by setting Serial Input Data to
each desired memory bit, and by sending a clock pulse for each bit, we sequentially move all stored bits from left
to right
(A → B → C → D)
8.2 Typical Application
Flip-Flop
A
VCC
D
Q
CLK
GND
Clock
pulse
Serial
Input Data
Flip-Flop
B
VCC
D
Q
CLK
GND
Flip-Flop
C
VCC
D
Q
CLK
GND
Flip-Flop
D
VCC
D
Q
CLK
GND
Serial
Output Data
VCC
Figure 8-1. 4-Bit Serial Shift Register
8.2.1 Design Requirements
The SN74LVC1G175B-EP device uses CMOS technology and has balanced output drive. Take care to avoid
bus contention because it can drive currents that can exceed maximum limits.
The SN74LVC1G175B-EP allows switching control of analog and digital signals with a digital control signal. All
input signals must remain as close as possible to either 0V or VCC for peak operation.
8.2.1.1 Power Considerations
Verify that the desired supply voltage is within the range specified in the Electrical Characteristics. The supply
voltage sets the device electrical characteristics, as described in the Electrical Characteristics section.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced by
all outputs of the SN74LVC1G175B-EP plus the maximum static supply current, ICC, listed in the Electrical
Characteristics, and any transient current required for switching. The logic device can only source as much
current that is provided by the positive supply source. Verify that the maximum total current through VCC listed in
the Absolute Maximum Ratings is not exceeded.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74LVC1G175B-EP plus the maximum supply current, ICC, listed in the Electrical Characteristics, and any
transient current required for switching. The logic device can only sink as much current that can be sunk into the
ground connection. Verify that the maximum total current through GND listed in the Absolute Maximum Ratings
is not exceeded.
www.ti.com
SN74LVC1G175B-EP
SLVSL43 – MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74LVC1G175B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com