Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431CLPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL1431CLPR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1431CLPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL1431CLPR Datasheet HTML 9Page - Texas Instruments TL1431CLPR Datasheet HTML 10Page - Texas Instruments TL1431CLPR Datasheet HTML 11Page - Texas Instruments TL1431CLPR Datasheet HTML 12Page - Texas Instruments TL1431CLPR Datasheet HTML 13Page - Texas Instruments TL1431CLPR Datasheet HTML 14Page - Texas Instruments TL1431CLPR Datasheet HTML 15Page - Texas Instruments TL1431CLPR Datasheet HTML 16Page - Texas Instruments TL1431CLPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
V(BATT)
R
30
Ω
TL1431
2N2222
2N2222
0.01
µF
4.7 k
Ω
R1
0.1%
R2
0.1%
VO
V
O +
1 )
R1
R2
V
I(ref)
V(BATT)
In
Out
VO
TL1431
Common
µA7805
R1
R2
V + 1 )
R1
R2
V
I(ref)
Min V = VI(ref) + 5 V
V(BATT)
VO
TL1431
R1
R2
C
V
trip +
1 )
R1
R2
V
I(ref)
V(BATT)
TL1431
V
O +
1 )
R1
R2
V
I(ref)
R1
R2
R
VO
LM317
In
Out
V(BATT)
8.2 k
Ω
TL1431
Adjust
243
Ω
0.1%
243
Ω
0.1%
VO = 5 V, 1.5 A, 0.5%
V(BATT)
VO = 5 V
Rb
TL1431
27.4 k
Ω
0.1%
27.4 k
Ω
0.1%
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
Figure 19. Output Control of a Three-Terminal Fixed
A.
R should provide cathode current
≥1 mA to
Regulator
the TL1431 at minimum V(BATT).
Figure 18. Precision High-Current Series Regulator
Figure 20. Higher-Current Shunt Regulator
A.
Refer to the stability boundary conditions in
Figure 15 to determine allowable values for
C.
Figure 21. Crowbar
Figure 22. Precision 5-V, 1.5-A, 0.5% Regulator
A.
Rb should provide cathode current ≥1 mA to
the TL1431.
Figure 23. 5-V Precision Regulator
Copyright © 1991–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TL1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com