Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431CLPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL1431CLPR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1431CLPR Datasheet(HTML) 3 Page - Texas Instruments

  TL1431CLPR Datasheet HTML 1Page - Texas Instruments TL1431CLPR Datasheet HTML 2Page - Texas Instruments TL1431CLPR Datasheet HTML 3Page - Texas Instruments TL1431CLPR Datasheet HTML 4Page - Texas Instruments TL1431CLPR Datasheet HTML 5Page - Texas Instruments TL1431CLPR Datasheet HTML 6Page - Texas Instruments TL1431CLPR Datasheet HTML 7Page - Texas Instruments TL1431CLPR Datasheet HTML 8Page - Texas Instruments TL1431CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
CATHODE
REF
ANODE
800
Ω
2.4 k
Ω
4 k
Ω
20 pF
1 k
Ω
7.2 k
Ω
800
Ω
800
Ω
150
Ω
10 k
Ω
3.28 k
Ω
20 pF
1
8
2, 3, 6, 7
Absolute Maximum Ratings
(1)
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
EQUIVALENT SCHEMATIC
A.
All component values are nominal.
B.
Pin numbers shown are for the D package.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
37
V
IKA
Continuous cathode current range
–100
150
mA
II(ref)
Reference input current range
–0.05
10
mA
D package
97
θJA
Package thermal impedance(3)(4)
LP package
140
°C/W
PW package
149
FK package
5.61
θJC
Package thermal impedance(5)(6)
°C/W
JG package
14.5
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) – TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with MIL-STD-883.
Copyright © 1991–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com