| Electronic Components Datasheet Search |
|
TMS320DM643 Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 162 page ![]() www.ti.com 5.4 Enhanced Direct Memory Access (EDMA) Controller 5.4.1 EDMA Device-Specific Information TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007 The EDMA controller handles all data transfers between the level-two (L2) cache/memory controller and the device peripherals on the DM643 DSP. These data transfers include cache servicing, non-cacheable memory accesses, user-programmed data transfers, and host accesses. 5.4.1.1 EDMA Channel Synchronization Events The C64x EDMA supports up to 64 EDMA channels which service peripheral devices and external memory. Table 5-3 lists the source of C64x EDMA synchronization events associated with each of the programmable EDMA channels. For the DM643 device, the association of an event to a channel is fixed; each of the EDMA channels has one specific event associated with it. These specific events are captured in the EDMA event registers (ERL, ERH) even if the events are disabled by the EDMA event enable registers (EERL, EERH). The priority of each event can be specified independently in the transfer parameters stored in the EDMA parameter RAM. For more detailed information on the EDMA module and how EDMA events are enabled, captured, processed, linked, chained, and cleared, etc., see the TMS320C6000 DSP Enhanced Direct Memory Access (EDMA) Controller Reference Guide (literature number SPRU234). Table 5-3. TMS320DM643 EDMA Channel Synchronization Events(1) EDMA EVENT NAME EVENT DESCRIPTION CHANNEL(1) 0 DSP_INT HPI-to-DSP interrupt 1 TINT0 Timer 0 interrupt 2 TINT1 Timer 1 interrupt 3 SD_INTA EMIFA SDRAM timer interrupt 4 GPINT4/EXT_INT4 GP0 event 4/External interrupt pin 4 5 GPINT5/EXT_INT5 GP0 event 5/External interrupt pin 5 6 GPINT6/EXT_INT6 GP0 event 6/External interrupt pin 6 7 GPINT7/EXT_INT7 GP0 event 7/External interrupt pin 7 8 GPINT0 GP0 event 0 9 GPINT1 GP0 event 1 10 GPINT2 GP0 event 2 11 GPINT3 GP0 event 3 12 XEVT0 McBSP0 transmit event 13 REVT0 McBSP0 receive event 14–18 – None 19 TINT2 Timer 2 interrupt 20–31 – None 32 AXEVTE0 McASP0 transmit even event 33 AXEVTO0 McASP0 transmit odd event 34 AXEVT0 McASP0 transmit event 35 AREVTE0 McASP0 receive even event 36 AREVTO0 McASP0 receive odd event 37 AREVT0 McASP0 receive event 38 VP1EVTYB VP1 Channel B Y event DMA request 39 VP1EVTUB VP1 Channel B Cb event DMA request 40 VP1EVTVB VP1 Channel B Cr event DMA request (1) In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or alternate transfer completion events. For more detailed information on EDMA event-transfer chaining, see the TMS320C6000 DSP Enhanced Direct Memory Access (EDMA) Controller Reference Guide (literature number SPRU234). Submit Documentation Feedback DM643 Peripheral Information and Electrical Specifications 71 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |