Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM643 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 153 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 149Page - Texas Instruments TMS320DM643 Datasheet HTML 150Page - Texas Instruments TMS320DM643 Datasheet HTML 151Page - Texas Instruments TMS320DM643 Datasheet HTML 152Page - Texas Instruments TMS320DM643 Datasheet HTML 153Page - Texas Instruments TMS320DM643 Datasheet HTML 154Page - Texas Instruments TMS320DM643 Datasheet HTML 155Page - Texas Instruments TMS320DM643 Datasheet HTML 156Page - Texas Instruments TMS320DM643 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 162 page
background image
www.ti.com
5.19.2
JTAG Peripheral Register Description(s)
5.19.3
JTAG Test-Port Electrical Data/Timing
TCK
TDO
TDI/TMS/TRST
1
2
3
4
2
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-79. JTAG ID Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:28
VARIANT
Variant (4-Bit) value. DM643 value: 0000.
27:12
PART NUMBER
Part Number (16-Bit) value. DM643 value: 0000 0000 0111 1001.
11–1
MANUFACTURER
Manufacturer (11-Bit) value. DM643 value: 0000 0010 111.
0
LSB
LSB. This bit is read as a "1" for DM643.
Table 5-80. JTAG ID Register
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Read-only. Provides 32-bit
01B3 F008
JTAGID
JTAG Identification Register
JTAG ID of the device.
Table 5-81. Timing Requirements for JTAG Test Port (see Figure 5-70)
–500
–600
NO.
UNIT
MIN
MAX
1
tc(TCK)
Cycle time, TCK
35
ns
3
tsu(TDIV-TCKH)
Setup time, TDI/TMS/TRST valid before TCK high
10
ns
4
th(TCKH-TDIV)
Hold time, TDI/TMS/TRST valid after TCK high
9
ns
Table 5-82. Switching Characteristics Over Recommended Operating Conditions for JTAG Test Port
(see Figure 5-70)
–500
–600
NO.
PARAMETER
UNIT
MIN
MAX
2
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0
18
ns
Figure 5-70. JTAG Test-Port Timing
Submit Documentation Feedback
DM643 Peripheral Information and Electrical Specifications
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com