Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7L09 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7L09
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L09 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7L09 Datasheet HTML 96Page - STMicroelectronics ST7L09 Datasheet HTML 97Page - STMicroelectronics ST7L09 Datasheet HTML 98Page - STMicroelectronics ST7L09 Datasheet HTML 99Page - STMicroelectronics ST7L09 Datasheet HTML 100Page - STMicroelectronics ST7L09 Datasheet HTML 101Page - STMicroelectronics ST7L09 Datasheet HTML 102Page - STMicroelectronics ST7L09 Datasheet HTML 103Page - STMicroelectronics ST7L09 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 104 page
background image
ST7L05, ST7L09
102/104
17 KNOWN LIMITATIONS
17.1 EXECUTION OF BTJX INSTRUCTION
Description
Executing a BTJx instruction jumps to a random
address in the following conditions: The jump goes
to a lower address (jump backward) and the test is
performed on data located at the address 00FFh.
17.2 IN-CIRCUIT PROGRAMMING OF DEVICES
PREVIOUSLY
PROGRAMMED
WITH
HARDWARE WATCHDOG OPTION
Description
In-Circuit Programming of devices configured with
Hardware Watchdog (WDGSW bit in option byte 1
programmed to 0) requires certain precautions
(see below).
In-Circuit Programming uses ICC mode. In this
mode, the Hardware Watchdog is not automatical-
ly deactivated as one might expect. As a conse-
quence, internal resets are generated every 2 ms
by the watchdog, thus preventing programming.
The device factory configuration is Software
Watchdog so this issue is not seen with devices
that are programmed for the first time. For the
same reason, devices programmed by the user
with the Software Watchdog option are not impact-
ed.
The only devices impacted are those that have
previously been programmed with the Hardware
Watchdog option.
Workaround
Devices configured with Hardware Watchdog
must be programmed using a specific program-
ming mode that ignores the option byte settings. In
this mode, an external clock, normally provided by
the programming tool, has to be used. In ST tools,
this mode is called “ICP OPTIONS DISABLED”.
Sockets on ST programming tools (such as
ST7MDT10-EPB) are controlled using “ICP OP-
TIONS DISABLED” mode. Devices can therefore
be reprogrammed by plugging them in the ST Pro-
gramming Board socket, whatever the watchdog
configuration.
When using third-party tools, please refer the
manufacturer's documentation to check how to ac-
cess specific programming modes. If a tool does
not have a mode that ignores the option byte set-
tings, devices programmed with the Hardware
watchdog option cannot be reprogrammed using
this tool.
17.3
IN-CIRCUIT
DEBUGGING
WITH
HARDWARE WATCHDOG
In-Circuit Debugging is impacted in the same way
as In-Circuit Programming by the activation of the
hardware watchdog in ICC mode. Please refer to
Section 17.2.
17.4
CLEARING
ACTIVE
INTERRUPTS
OUTSIDE INTERRUPT ROUTINE
When an active interrupt request occurs at the
same time as the related flag or interrupt mask is
being cleared, the CC register may be corrupted.
Concurrent interrupt context
The symptom does not occur when the interrupts
are handled normally, that is, when:
– The interrupt request is cleared (flag reset or in-
terrupt mask) within its own interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) within any interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) in any part of the code while this in-
terrupt is disabled
If these conditions are not met, the symptom can
be avoided by implementing the following se-
quence:
Perform SIM and RIM operation before and after
resetting an active interrupt request
Example:
SIM
rReset flag or interrupt mask
RIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com