Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7L09 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7L09
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L09 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7L09 Datasheet HTML 96Page - STMicroelectronics ST7L09 Datasheet HTML 97Page - STMicroelectronics ST7L09 Datasheet HTML 98Page - STMicroelectronics ST7L09 Datasheet HTML 99Page - STMicroelectronics ST7L09 Datasheet HTML 100Page - STMicroelectronics ST7L09 Datasheet HTML 101Page - STMicroelectronics ST7L09 Datasheet HTML 102Page - STMicroelectronics ST7L09 Datasheet HTML 103Page - STMicroelectronics ST7L09 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
ST7L05, ST7L09
103/104
18 REVISION HISTORY
Table 27. Revision History
Date
Revision
Description of changes
27-Mar-06
1
Initial Release
09-Oct-06
2
Changed “Memories” on page 1
Changed last paragraph of Section 5.5 on page 18
Changed description of bits 11:0 of CNTR register in Section 11.2.6 on page 50
Changed IVSS, IVDD and IIO maximum values in Section 13.2.2 on page 74
Changed ACCRC parameter for RC oscillator operating conditions in Section 13.3.2 on page
75
Removed note “tested in production” from Figure 44 on page 77
Changed values for tv(MO) and th(MO) in Section 13.10.1 on page 89
Replaced “CPHA = 0” with “CPHA = 1” in Figure 66 on page 90
Repositioned tv(MO) and th(MO) in Figure 67 on page 90
Changed values and note 3 in Table 20 on page 93 and Table 21 on page 93
Removed figure 72 “16-Pin Plastic Dual In-Line Package, 300-mil Width” from Section 14.1
on page 94
Changed Section 14.3 on page 95
Changed Table 22 on page 95
Changed Section 15.3 on page 98 by adding Figure 73. Flash Device Types and Table 24,
“Flash User Programmable Device Types,” on page 98
Changed Section 15.4 on page 98 by adding Figure 74. FASTROM Commercial Product
Code Structure and Table 25, “FASTROM Factory Coded Device Types,” on page 99
Updated “ST7L0x FASTROM MICROCONTROLLER OPTION LIST (Last update: October
2006)” on page 100
Changed Section 16 DEVELOPMENT TOOLS
Removed section STARTER KITS from Section 16 DEVELOPMENT TOOLS
Removed Starter Kits from Table 26, “Development Tool Order Codes for the ST7L0 Fami-
ly,” on page 101
Added a statement to indicate that application notes can be found on the ST website and
removed Table 26, ST7 Application Notes from Section 16.5 on page 101
Updated disclaimer (last page) to include a mention about the use of ST products in auto-
motive applications
04-Dec-06
3
Replaced “ST7L0” with “ST7L05, ST7L09” in document name on page 1
Added “Features” heading above list of features on page 1
Added table number to “Device Summary” on page 1
Changed title of Section 1 on page 5
Table 2 on page 7: Removed caution about PB0 negative current injection restriction
Section 7.4.1 on page 26: Added caution about avoiding unwanted behavior during Reset
sequence
Section 11.2.6 on page 50: Changed description of bits 11:0 of CNTR register (last sentence
which had been inadvertantly removed in Rev. 2 has now been restored)
Section 13.2.2 on page 74:
- Replaced “Injected current on PB0 and PB1 pins” with “Injected current on PB1 pin” in rat-
ings
- Changed note 5 to remove PB0 negative current restriction
Section 13.3.2 on page 75: Changed ACCRC parameter for RC oscillator operating condi-
tions
Section 14.3 on page 95: Removed text concerning Pb-containing packages
Table 22 on page 95:
- Changed title of Plating Material column
- Added Pb solder paste
- Removed note 1
Removed link to st.com from bottom of “ST7L0x FASTROM MICROCONTROLLER OP-
TION LIST” on page 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com