| Electronic Components Datasheet Search |
|
ST7FL05Y0MA Datasheet(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FL05Y0MA Datasheet(HTML) 68 Page - STMicroelectronics |
|
68 / 104 page ![]() ST7L05, ST7L09 68/104 ST7 ADDRESSING MODES (Cont’d) 12.1.1 Inherent All Inherent instructions consist of a single byte. The opcode fully specifies all the required informa- tion for the CPU to process the operation. 12.1.2 Immediate Immediate instructions have 2 bytes, the first byte contains the opcode, the second byte contains the operand value. 12.1.3 Direct In Direct instructions, the operands are referenced by their memory address. The direct addressing mode consists of two sub- modes: Direct (Short) The address is a byte, thus requires only 1 byte af- ter the opcode, but only allows 00 - FF addressing space. Direct (Long) The address is a word, thus allowing 64 Kbyte ad- dressing space, but requires 2 bytes after the op- code. 12.1.4 Indexed (No Offset, Short, Long) In this mode, the operand is referenced by its memory address, which is defined by the unsigned addition of an index register (X or Y) with an offset. The indirect addressing mode consists of three submodes: Indexed (No Offset) There is no offset (no extra byte after the opcode), and allows 00 - FF addressing space. Indexed (Short) The offset is a byte, thus requires only 1 byte after the opcode and allows 00 - 1FE addressing space. Indexed (Long) The offset is a word, thus allowing 64 Kbyte ad- dressing space and requires 2 bytes after the op- code. 12.1.5 Indirect (Short, Long) The required data byte to do the operation is found by its memory address, located in memory (point- er). The pointer address follows the opcode. The indi- rect addressing mode consists of two submodes: Indirect (Short) The pointer address is a byte, the pointer size is a byte, thus allowing 00 - FF addressing space, and requires 1 byte after the opcode. Indirect (Long) The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte addressing space, and requires 1 byte after the opcode. Inherent Instruction Function NOP No operation TRAP S/W Interrupt WFI Wait For Interrupt (Low Power Mode) HALT Halt Oscillator (Lowest Power Mode) RET Subroutine Return IRET Interrupt Subroutine Return SIM Set Interrupt Mask RIM Reset Interrupt Mask SCF Set Carry Flag RCF Reset Carry Flag RSP Reset Stack Pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement MUL Byte Multiplication SLL, SRL, SRA, RLC, RRC Shift and Rotate Operations SWAP Swap Nibbles Immediate Instruction Function LD Load CP Compare BCP Bit Compare AND, OR, XOR Logical Operations ADC, ADD, SUB, SBC Arithmetic Operations 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |