| Electronic Components Datasheet Search |
|
ST7FL05Y0MA Datasheet(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FL05Y0MA Datasheet(HTML) 70 Page - STMicroelectronics |
|
70 / 104 page ![]() ST7L05, ST7L09 70/104 12.2 INSTRUCTION GROUPS The ST7 family devices use an Instruction Set consisting of 63 instructions. The instructions may be subdivided into 13 main groups as illustrated in the following table: Using a prebyte The instructions are described with 1 to 4 bytes. In order to extend the number of available op- codes for an 8-bit CPU (256 opcodes), three differ- ent prebyte opcodes are defined. These prebytes modify the meaning of the instruction they pre- cede. The whole instruction becomes: PC-2 End of previous instruction PC-1 Prebyte PC Opcode PC+1 Additional word (0 to 2) according to the number of bytes required to compute the effective address These prebytes enable instruction in Y as well as indirect addressing modes to be implemented. They precede the opcode of the instruction in X or the instruction using direct addressing mode. The prebytes are: PDY 90 Replace an X based instruction using immediate, direct, indexed, or inherent addressing mode by a Y one. PIX 92 Replace an instruction using direct, di- rect bit or direct relative addressing mode to an instruction using the corre- sponding indirect addressing mode. It also changes an instruction using X indexed addressing mode to an instruc- tion using indirect X indexed addressing mode. PIY 91 Replace an instruction using X indirect indexed addressing mode by a Y one. 12.2.1 Illegal Opcode Reset In order to provide enhanced robustness to the de- vice against unexpected behavior, a system of ille- gal opcode detection is implemented. If a code to be executed does not correspond to any opcode or prebyte value, a reset is generated. This, com- bined with the Watchdog, allows the detection and recovery from an unexpected fault or interference. Note: A valid prebyte associated with a valid op- code forming an unauthorized combination does not generate a reset. Load and Transfer LD CLR Stack operation PUSH POP RSP Increment/Decrement INC DEC Compare and Tests CP TNZ BCP Logical operations AND OR XOR CPL NEG Bit Operation BSET BRES Conditional Bit Test and Branch BTJT BTJF Arithmetic operations ADC ADD SUB SBC MUL Shift and Rotates SLL SRL SRA RLC RRC SWAP SLA Unconditional Jump or Call JRA JRT JRF JP CALL CALLR NOP RET Conditional Branch JRxx Interruption management TRAP WFI HALT IRET Condition Code Flag modification SIM RIM SCF RCF 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |