Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1551 Datasheet(PDF) 11 Page - Eorex Corporation

Part # EP1551
Description  1 MHz Five-channel Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EP1551 Datasheet HTML 7Page - Eorex Corporation EP1551 Datasheet HTML 8Page - Eorex Corporation EP1551 Datasheet HTML 9Page - Eorex Corporation EP1551 Datasheet HTML 10Page - Eorex Corporation EP1551 Datasheet HTML 11Page - Eorex Corporation EP1551 Datasheet HTML 12Page - Eorex Corporation EP1551 Datasheet HTML 13Page - Eorex Corporation EP1551 Datasheet HTML 14Page - Eorex Corporation EP1551 Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary
Rev.01
11/16
EP1551
pin is high impedance in shutdown.
20
PGNDB
Power Ground. Connect PGNDA and PGNDB together and to GND with short trace as
close to the IC as possible.
21
LXSU
Step-up Converter Power-Switching Node. Connect LXSU to the Step-up converter
inductor. LXSU is high impedance in shutdown.
22
OUTSUA
Step-up Converter Output. OUTSUA is the power output of the Step-up converter.
Connect OUTSUA to OUTSUB at the IC.
23
SDOK
This open-drain output goes high impedance when the Step-down has successfully
completed soft-start.
24
COMP3
Auxiliary Controller 3 Compensation Node. Connect a series resistor-capacitor from
COMP3 to GND to compensate the control loop. COMP3 is actively driven to GND in
shutdown and thermal limit.
25
FB3
Auxiliary Controller 3 Feedback Input. Connect a resistive voltage-divider from the
output voltage to FB3 to GND. The FB3 feedback threshold is 1.25V. This pin is high
impedance in shutdown.
26
OUTSUB
Step-up Converter Output. OUTSUB powers the EP1551 and is the sense input when
FBSELSU is GND and the output is 3.3V. Connect OUTSUA to OUTSUB.
27
DL3
Auxiliary Controller 3 Gate-Drive Output. Connect the gate of an N-channel MOSFET to
DL3. DL3 swings from GND to OUTSU and supplies up to 500mA. DL3 is driven to GND
in shutdown and thermal limit.
28
DL2
Auxiliary Controller 2 Gate-Drive Output. Connect the gate of an N-channel MOSFET to
DL2. DL2 swings from GND to OUTSU and supplies up to 500mA. DL2 is driven to GND
in shutdown and thermal limit.
29
DL1
Auxiliary Controller 1 Gate-Drive Output. Connect the gate of an N-channel MOSFET to
DL1. DL1 swings from GND to OUTSU and supplies up to 500mA. DL1 is driven to GND
in shutdown and thermal limit.
30
GND
Quiet Ground. Connect GND to PGND as close to the IC as possible.
31
COMP2
Auxiliary Controller 2 Compensation Node. Connect a series resistor-capacitor from
COMP2 to GND to compensate the control loop. COMP2 is actively driven to GND in
shutdown and thermal limit.
32
FB2
Auxiliary Controller 2 Feedback Input. Connect a resistive voltage-divider from the
output voltage to FB2 to GND to set the output voltage. The FB2 feedback threshold is
1.25V. This pin is high impedance in shutdown.
Exposed
Pad
EP
Exposed Underside Metal Pad. This pad must be soldered to the PC board to achieve
package thermal and mechanical ratings. The exposed pad is electrically connected to
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com