Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1551 Datasheet(PDF) 14 Page - Eorex Corporation

Part # EP1551
Description  1 MHz Five-channel Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 14 Page - Eorex Corporation

Back Button EP1551 Datasheet HTML 8Page - Eorex Corporation EP1551 Datasheet HTML 9Page - Eorex Corporation EP1551 Datasheet HTML 10Page - Eorex Corporation EP1551 Datasheet HTML 11Page - Eorex Corporation EP1551 Datasheet HTML 12Page - Eorex Corporation EP1551 Datasheet HTML 13Page - Eorex Corporation EP1551 Datasheet HTML 14Page - Eorex Corporation EP1551 Datasheet HTML 15Page - Eorex Corporation EP1551 Datasheet HTML 16Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Preliminary
Rev.01
14/16
EP1551
Auxiliary DC-DC Controllers
Figure 10. Block Diagram for Voltage-Mode Auxiliary DC-DC Controllers
‧
The three auxiliary voltage-mode DC-DC controllers are almost same. The only difference is just AUX1 has
optional internal divider. AUX2 and AUX3 must use external divider for feedback. Soft-start circuit is used
to ramp internal reference up from 0V to 1.25V. Output pulse width is modulated by the output of error
amplifier (ERR AMP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com