Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3101 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP3101
Description  150 KHz, 3A Asynchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101 Datasheet(HTML) 2 Page - Eorex Corporation

  EP3101 Datasheet HTML 1Page - Eorex Corporation EP3101 Datasheet HTML 2Page - Eorex Corporation EP3101 Datasheet HTML 3Page - Eorex Corporation EP3101 Datasheet HTML 4Page - Eorex Corporation EP3101 Datasheet HTML 5Page - Eorex Corporation EP3101 Datasheet HTML 6Page - Eorex Corporation EP3101 Datasheet HTML 7Page - Eorex Corporation EP3101 Datasheet HTML 8Page - Eorex Corporation EP3101 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
eorex
EP3101
Jul. 2006
www.eorex.com
2/13
Pin Assignment
1
VIN
EN
23
45
SW
GND
FB
TO220-5L
Ordering Information
Buck Regulator
Package
VOUT
Packing
EP3101 -X X X
: TO263-5L
Blank: Adj
50 = 5V
33 = 3.3V
12 = 12V
R: Taping & Reel
B: Bag
: TO220-5L
Pin Description
Pin
Name
Function
1
VIN
This is the positive input supply for the IC switching regulator. A suitable
input bypass capacitor must be present at this pin to minimize voltage
transients and to supply the switching currents needed by the regulator.
2
SW
Internal switch. The voltage at this pin switches between (+VIN-VSAT) and
approximately-0.5V, with a duty cycle of approximately VOUT/VIN. To
minimize coupling to sensitive circuitry, the PC board copper area
connected to this pin should be kept a minimum.
3
GND
Circuit ground.
4
FB
Senses the regulated output voltage to complete the feedback loop.
5
EN
Low enable. Allows the switching regulator circuit to be shutdown using
logic level signals thus dropping the total input supply current to
approximately 150uA. Pulling this pin below a threshold voltage of
approximately 1.3V turns the regulator on, and pulling this pin above
1.3V (up to a maximum of 40V) shuts the regulator down. If this
shutdown feature is not needed, the EN pin can be wired to the ground
pin or it can be left open, in either case the regulator will be in the ON
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com