Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3101 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP3101
Description  150 KHz, 3A Asynchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101 Datasheet(HTML) 3 Page - Eorex Corporation

  EP3101 Datasheet HTML 1Page - Eorex Corporation EP3101 Datasheet HTML 2Page - Eorex Corporation EP3101 Datasheet HTML 3Page - Eorex Corporation EP3101 Datasheet HTML 4Page - Eorex Corporation EP3101 Datasheet HTML 5Page - Eorex Corporation EP3101 Datasheet HTML 6Page - Eorex Corporation EP3101 Datasheet HTML 7Page - Eorex Corporation EP3101 Datasheet HTML 8Page - Eorex Corporation EP3101 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
eorex
EP3101
Jul. 2006
www.eorex.com
3/13
Absolute Maximum Rating
(Note 1)
Symbol
Item
Rating
Units
VIN
Input Supply Voltage
+4
5
V
VEN
EN Pin Input Voltage
-0.3 ~ +25
V
VFB
Feedback Pin Voltage
-0.3 ~ +25
V
VOUT
Output Voltage to Ground
-1
V
VOP
Operating Voltage
+4.5 ~+25
V
PD
Power Dissipation
Internally Limited
W
TOP
Operating Temperature Range
-40 ~ +125
°C
TSTG
Storage Temperature Range
-65 ~ +150
°C
Electrical Characteristics
(Note 2)
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=24V for the 12V version.
ILOAD=0.5A
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
60
IFB
Feedback Bias Current
VFB=1.3V
(Adjustable version only)
40
100
nA
127
150
173
FOSC
Oscillator Frequency
110
173
KHz
1.4
VSAT
Saturation Voltage
IOUT=3A
no outside circuit VFB=0V
force driver on
1.3
1.5
V
Max. Duty Cycle (ON)
VFB=0V force driver on
100
DC
Min. Duty Cycle (OFF)
VFB=12V force driver off
0
%
5.5
ICL
Current Limit
Peak Current
no outside circuit VFB=0V
force driver on
3.6
4.0
6.5
A
Output=0
No outside circuit VFB=12V
fore driver off
200
µA
IL
Output=-1
Output Leakage
Current
VIN=40V
2
30
mA
IQ
Quiescent Current
VFB=12V force driver off
5
10
mA
250
ISTBY
Standby Quiescent Current
EN pin=5V VIN=40V
150
300
µA
VIL
Low (regulator ON)
0.6
VIH
EN Pin Logic Input Threshold
Voltage
High (regulator OFF)
2.0
1.3
V
IH
EN Pin Logic Input Current
VLOGIC=2.5V (OFF)
15
25
IL
EN Pin Input Current
VLOGIC=0.5V (ON)
0.02
5
µA
TO220-5L
2.5
θJC
Thermal Resistance
TO263-5L
Junction to
Case
3.5
°C/W
TO220-5L
28
θJA
Thermal Resistance with Copper
Area of Approximately 3in2
TO263-5L
Junction to
Ambient
23
°C/W
Note 1:
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
100% production test at +25°C. Specifications over the temperature range are guaranteed by
design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com