Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2355104 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2355104
Description  AMPMODU 2mm BREAKAWAY HEADER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2355104 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2355104 Datasheet HTML 1Page - TE Connectivity Ltd 2355104 Datasheet HTML 2Page - TE Connectivity Ltd 2355104 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
INDUSTRIAL /// AMPMODU 2mm BREAKAWAY HEADER
PRODUCT OFFERINGS
Type
Orientation
Solder Lead
Length
Tin
0.1μm
[4µ”]
Gold
0.38μm
[15μ”]
Gold
0.76μm
[30μ”]
Gold
Packaging
Vertical
TH/
THR
2.8mm
[0.110”]
2842137
2842138
2842139
2842140
Box (without Cap)
2842125
2842126
2842127
2842128
Tube (without Cap)
2842129
2842130
2842131
2842132
Tube (with Cap)
2842133
2842134
2842135
2842136
Tape & Reel (with Cap)
Right Angle
TH/
THR
2.8mm
[0.110”]
2842161
2842162
2842163
2842164
Box (without Cap)
2842149
2842150
2842151
2842152
Tube (without Cap)
2842153
2842154
2842155
2842156
Tube (with Cap)
2842157
2842158
2842159
2842160
Tape & Reel (with Cap)
Vertical
SMT
-
2842145
2842146
2842147
2842148
Tube (with Cap)
2842141
2842142
2842143
2842144
Tape & Reel (with Cap)
Double Row (4-50 pins)
Position
Part Number
Position
Part Number
4 (2x2)
xxxxxxx-2
28 (14x2)
1-xxxxxxx-4
6 (3x2)
xxxxxxx-3
30 (5x2)
1-xxxxxxx-5
8 (4x2)
xxxxxxx-4
32 (16x2)
1-xxxxxxx-6
10 (5x2)
xxxxxxx-5
34 (17x2)
1-xxxxxxx-7
12 (6x2)
xxxxxxx-6
36 (18x2)
1-xxxxxxx-8
14 (7x2)
xxxxxxx-7
38 (19x2)
1-xxxxxxx-9
16 (8x2)
xxxxxxx-8
40 (20x2)
2-xxxxxxx-0
18 (9x2)
xxxxxxx-9
42 (21x2)
2-xxxxxxx-1
20 (10x2)
1-xxxxxxx-0
44 (22x2)
2-xxxxxxx-2
22 (11x2)
1-xxxxxxx-1
46 (23x2)
2-xxxxxxx-3
24 (12x2)
1-xxxxxxx-2
48 (24x2
2-xxxxxxx-4
26 (13x2)
1-xxxxxxx-3
50 (25x2)
2-xxxxxxx-5
PART NUMBER DEFINITION
AMPMODU 2mm BREAKAWAY HEADER
te.com
© 2019 TE Connectivity. All Rights Reserved.
AMPMODU TE, TE Connectivity, and the TE Connectivity (logo) are trademarks of TE Connectivity. Other logos, product and company names mentioned herein may be trademarks
of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained
herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties
of merchantability or fitness for a particular purpose. The dimensions in this catalog are for reference purposes only and are subject to change without notice. Specifications are
subject to change without notice. Consult TE for the latest dimensions and design specifications.
1-1773952-5  ML  11/19   Tangence



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com