Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2355104 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2355104
Description  AMPMODU 2mm BREAKAWAY HEADER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2355104 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2355104 Datasheet HTML 1Page - TE Connectivity Ltd 2355104 Datasheet HTML 2Page - TE Connectivity Ltd 2355104 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AMPMODU 2mm
BREAKAWAY HEADER
INDUSTRIAL /// AMPMODU 2mm BREAKAWAY HEADER
TE Connectivity (TE) AMPMODU 2mm connector family includes a variety of reliable
Board-to-Board and Wire-to-Board headers. The new breakaway headers when
compared to, have a centerline of 2mm [0.079”], saving almost 38% space on the
board than the standard 2.54mm [0.1”] centerline, and allowing customers to build
more functionality onto their boards. The connectors are intermateable and can be
paired with most receptacles from major brands in the market. The new headers
are available for automated surface mounting, through-hole-reflow (THR/PIP) and
traditional through-hole mounting onto boards, providing customers with a wide range
of options for PCB assembly. The product offering includes single and double rows,
and comes in bulk, tube, tape and reel packaging to suit different types of product
handling systems.
KEY FEATURES
• Centerline: 2.00mm [0.079”]
• Contact Dimension: 0.50mm [0.02”] square pins
• Connector Size: 2-25 positions per row, available in single and double row
• PCB Thickness: 1.6mm to 2.4mm [0.063” to 0.094”]
• Environmental: Operating Environment Class III
BENEFITS
• Intermateable solution with major brand receptacles
• 38% space saving on PCB board compared to 2.54mm [0.1”], allowing for
extended functionality
• Efficient with automated surface mounting and through-hole-reflow manufacturing
APPLICATIONS
• PLC
• Servo Drives
• Industrial Controls
• Material Handling
• Instrumentation and Test Equipment
• Building Automation


Similar Part No. - 2355104

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355 KR-2355 Datasheet
35Kb / 1P
Active Notch Filter
logo
Heyco.
2355 HEYCO-2355 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Abbatron All Rights Res...
2355 ABBATRON-2355 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
KR Electronics, Inc.
2355-120 KR-2355-120 Datasheet
16Kb / 1P
Active Notch Filter
2355-20 KR-2355-20 Datasheet
101Kb / 3P
20 Hz Active notch filter
More results

Similar Description - 2355104

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFAW200 YEONHO-YFAW200 Datasheet
251Kb / 1P
Pin Header : 2mm PITCH
YFW200 YEONHO-YFW200 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
AMPMODU II / AMPMODU IV
1241050-7 MACOM-1241050-7 Datasheet
908Kb / 3P
AMPMODU II PIN HEADER PACKED IN BLISTER AMPMODU II STIFTLEISTE VERPACKT IN BLISTER
5-1375582-9 MACOM-5-1375582-9 Datasheet
385Kb / 2P
AMPMODU MTE SURFACE MOUNT. VERTICAL HEADER ASSEMBLY
logo
List of Unclassifed Man...
280389-1 ETC2-280389-1 Datasheet
194Kb / 1P
AMPMODU HEADER ASS.IES,R,ANGLE,DOUBLE ROW
26640601RP2 ETC2-26640601RP2 Datasheet
53Kb / 1P
2mm DUAL HEADER STRIP STRAIGHT
logo
Tyco Electronics
5-1375582-4 MACOM-5-1375582-4 Datasheet
385Kb / 2P
AMPMODU MTE SURFACE MOUNT. VERTICAL HEADER ASSEMBLY
logo
Harwin Plc
M22-2200245 HARWIN-M22-2200245 Datasheet
74Kb / 1P
2mm VERTICAL SHROUDED PIN HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com