Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS8EQ Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # LS8EQ
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8EQ Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button LS8EQ Datasheet HTML 2Page - PANDUIT CORP. LS8EQ Datasheet HTML 3Page - PANDUIT CORP. LS8EQ Datasheet HTML 4Page - PANDUIT CORP. LS8EQ Datasheet HTML 5Page - PANDUIT CORP. LS8EQ Datasheet HTML 6Page - PANDUIT CORP. LS8EQ Datasheet HTML 7Page - PANDUIT CORP. LS8EQ Datasheet HTML 8Page - PANDUIT CORP. LS8EQ Datasheet HTML 9Page - PANDUIT CORP. LS8EQ Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
4
Order number of cassettes required.
U LTIMATE ID ® Netw ork L a beling S ystem f or Outlets
(F aceplates/Surface Mount Bo x es)
Desktop Laser/Ink Jet Labels
Order number of sheets required in multiples of Standard Package Quantity.
For Electrical Ivory labels, add EI at end of part number.
For detailed information on Ultimate ID ® Patch Panels and Labeling Solutions, request the Panduit® Physical Infrastructure Systems
catalog, SA-NCCB51.
Horizontal Link Identification – Work Area Outlets
Section 5.1.2 States
A horizontal link identifier, unique within the building, shall be assigned to each horizontal link and to its elements.
In the work area, each individual telecommunications outlet/connector shall be labeled with the horizontal link
identifier. The labeling shall appear on the connector, faceplate, or MUTOA, in a way that clearly identifies the
individual connector associated with the particular identifier. A horizontal link identifier shall have a format of
“fs-an” where:
f = numeric character(s) identifying the floor of the building occupied by the TS (Telecommunications Space)
s = alpha character(s) uniquely identifying the TS on floor f, or the building area in which
the space is located
a = one to two alpha characters uniquely identifying a single patch panel or a group of
patch panels with sequentially numbered ports, an IDC connector, or a group of IDC
connectors, serving as part of the horizontal cross-connect
n = two to four numeric characters designating the port on a patch panel in the TS or
the section of an IDC connector on which, a four pair horizontal cable is terminated
in the TS
For example:
“1A-B02” = origination point first floor, TS A, patch panel B, position 02
Each Ultimate ID ® Faceplate/Surface Mount Box is designed in a way that allows you to center
the “an” identifier clearly over each connector, while the “fs” identifier can be placed in the
station space.
PanTher™ LS8E Hand-Held Thermal Transfer Printer Label Cassette
Part Number
Part Description
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
UILS8BW
White, non-adhesive polyester label cassette.
.236
6.0
25.0
7.6
1
10
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
UILJ1
White, non-adhesive polyester labels, 264 per
sheet, 1-port labels.
.680
17.27
.236
6.00
5
50
UILJ2
White, non-adhesive polyester labels, 132 per
sheet, 2-port labels.
1.315
33.40
.236
6.00
5
50
UILJ3
White, non-adhesive polyester labels, 99 per
sheet, 3-port labels.
1.950
49.53
.236
6.00
5
50
UILJ4
White, non-adhesive polyester labels, 66 per
sheet, 4-port labels.
2.585
65.66
.236
6.00
5
50
UILJ6
White, non-adhesive polyester labels, 66 per
sheet, 6-port labels.
3.855
97.92
.236
6.00
5
50
UILJCOMBO
White, non-adhesive polyester labels,
combination sheet with 40 1-port, 60 2-port,
3 3-port and 24 4-port labels.
—
—
.236
6.00
5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com