Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS8EQ Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # LS8EQ
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8EQ Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button LS8EQ Datasheet HTML 6Page - PANDUIT CORP. LS8EQ Datasheet HTML 7Page - PANDUIT CORP. LS8EQ Datasheet HTML 8Page - PANDUIT CORP. LS8EQ Datasheet HTML 9Page - PANDUIT CORP. LS8EQ Datasheet HTML 10Page - PANDUIT CORP. LS8EQ Datasheet HTML 11Page - PANDUIT CORP. LS8EQ Datasheet HTML 12Page - PANDUIT CORP. LS8EQ Datasheet HTML 13Page - PANDUIT CORP. LS8EQ Datasheet HTML 14Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
8
Mini-Com ® Ultimate ID ® Multi-Media/Fiber Surface Mount Box
• Features twelve ports, six on each side, angled to improve
bend radius control
• Includes two knockouts which are compatible with
Panduit LD5 and LD10 Raceway
• Mounts easily with supplied mounting screw, adhesive tape
or optional magnet
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory) or WH (White).
Mini-Com ® Ultimate ID ® Hybrid Surface Mount Box
• A retention block snaps to the base and accepts any
single gang faceplate (up to six ports)
• Hybrid design accepts Mini-Com ® Copper and Fiber
Optic Modules
• Manages up to 12m of buffered fiber optic cable that is
secured in place by cable tie mounting loops
• Cover snaps to base and is secured with a screw; includes
a 6-position Ultimate ID ® Label Pocket to identify fiber optic
connections; a clear screw cover is included for
station identification
• Optional cover extension provides additional security of
fiber connections
• Heat shrink tubing included
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory) or WH (White).
UICBXH6IW-A
UICBXHECIW
Part Number
Part Description
Color‡
Labels
Required
Used with
Pan-Way ®
Raceway
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICBXH6IW-A
Hybrid box with cover accepts up
to six Mini-Com ® Modules in a
single gang Mini-Com ® Faceplate,
and up to six Mini-Com ® Fiber
Optic Modules in the base.
Off
White
One
1-Port
One
6-Port
LD3, LD5
1
10
UICBXHC6IW-A
Hybrid box with cover and cover
extension accepts up to six
Mini-Com ® Modules in a single
gang Mini-Com ® Faceplate, and
up to six Mini-Com ® Fiber Optic
Modules in the base.
Off
White
One
1-Port
One
6-Port
LD3, LD5
1
10
UICBXHECIW
Cover extension for hybrid box.
Off
White
——
1
10
Part Number
Part Description
Color ‡
Labels
Required
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
UICBXA12IW-A
Multi-media surface mount box accepts up to
twelve Mini-Com ® Modules and includes
built-in figure eight spool to help manage
fiber cable.
Off
White
Two 4-Port
Two 6-Port
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com