Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W801 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M27W801
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M27W801 Datasheet HTML 3Page - STMicroelectronics M27W801 Datasheet HTML 4Page - STMicroelectronics M27W801 Datasheet HTML 5Page - STMicroelectronics M27W801 Datasheet HTML 6Page - STMicroelectronics M27W801 Datasheet HTML 7Page - STMicroelectronics M27W801 Datasheet HTML 8Page - STMicroelectronics M27W801 Datasheet HTML 9Page - STMicroelectronics M27W801 Datasheet HTML 10Page - STMicroelectronics M27W801 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
M27W801
Table 9. Programming Mode DC Characteristics (1)
(TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 10. MARGIN MODE AC Characteristics (1)
(TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test Conditio n
Min
Max
Unit
ILI
Input Leakage Current
VIL ≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E= VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –1mA
3.6
V
VID
A9 Voltage
11.5
12.5
V
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tA9HVPH
tAS9
VA9 High to VPP High
2
µs
tVPHEL
tVPS
VPP High to Chip Enable Low
2
µs
tA10HEH
tAS10
VA10 High to Chip Enable High (Set)
1
µs
tA10LEH
tAS10
VA10 Low to Chip Enable High (Reset)
1
µs
tEXA10X
tAH10
Chip Enable Transition to VA10 Transition
1
µs
tEXVPX
tVPH
Chip Enable Transition to VPP Transition
2
µs
tVPXA9X
tAH9
VPP Transition to VA9 Transition
2
µs
Programming
The M27W801 has been designed to be fully com-
patible with the M27C801 and has the same elec-
tronic signature. As a result the M27W801 can be
programmed as the M27C801 on the same pro-
gramming equipment applying 12.75V on VPP and
6.25V on VCC by the use of the same PRESTO IIB
algorithm. When delivered (and after each ‘1’s era-
sure for UV EPROM), all bits of the M27W801 are
in the ”1” state. Data is introduced by selectively
programming ”0”s into the desired bit locations.Al-
though only ’0’ will be programmed, both ”1” and
”0” can be present in the data word. The only way
to change a ‘0’ to a ‘1’ is by die exposure to ultra-
violet light (UV EPROM). The M27W801 is in the
programming mode when VPP input is at 12.75V
and E is pulsed to VIL. The data to be programmed
is applied to 8 bits in parallel to the data output
pins. The levels required for the address and data
inputs are TTL. VCC is specified to be 6.25V ±
0.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com