Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W801 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27W801
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27W801 Datasheet HTML 4Page - STMicroelectronics M27W801 Datasheet HTML 5Page - STMicroelectronics M27W801 Datasheet HTML 6Page - STMicroelectronics M27W801 Datasheet HTML 7Page - STMicroelectronics M27W801 Datasheet HTML 8Page - STMicroelectronics M27W801 Datasheet HTML 9Page - STMicroelectronics M27W801 Datasheet HTML 10Page - STMicroelectronics M27W801 Datasheet HTML 11Page - STMicroelectronics M27W801 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M27W801
8/16
Table 11. Programming Mode AC Characteristics (1)
(TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVEL
tAS
Address Valid to Chip Enable Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVCHEL
tVCS
VCC High to Chip Enable Low
2
µs
tVPHEL
tOES
VPP High to Chip Enable Low
2
µs
tVPLVPH
tPRT
VPP Rise Time
50
ns
tELEH
tPW
Chip Enable Program Pulse Width (Initial)
45
55
µs
tEHQX
tDH
Chip Enable High to Input Transition
2
µs
tEHVPX
tOEH
Chip Enable High to VPP Transition
2
µs
tVPLEL
tVR
VPP Low to Chip Enable Low
2
µs
tELQV
tDV
Chip Enable Low to Output Valid
1
µs
tEHQZ
(2)
tDFP
Chip Enable High to Output Hi-Z
0
130
ns
tEHAX
tAH
Chip Enable High to Address Transition
0
ns
Figure 6. MARGIN MODE AC Waveforms
Note: A8 High level = 5V; A9 High level = 12V.
AI00736B
tA9HVPH
tVPXA9X
A8
E
GVPP
A10 Set
VCC
tVPHEL
tA10LEH
tEXVPX
tA10HEH
A9
A10 Reset
tEXA10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com