Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101ILT Datasheet(PDF) 10 Page - STMicroelectronics

Part # LMC7101ILT
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMC7101ILT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LMC7101ILT Datasheet HTML 6Page - STMicroelectronics LMC7101ILT Datasheet HTML 7Page - STMicroelectronics LMC7101ILT Datasheet HTML 8Page - STMicroelectronics LMC7101ILT Datasheet HTML 9Page - STMicroelectronics LMC7101ILT Datasheet HTML 10Page - STMicroelectronics LMC7101ILT Datasheet HTML 11Page - STMicroelectronics LMC7101ILT Datasheet HTML 12Page - STMicroelectronics LMC7101ILT Datasheet HTML 13Page - STMicroelectronics LMC7101ILT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Figure 14. Noise vs. frequency at VCC = 5 V
Figure 15. Noise vs. frequency at VCC = 16 V
Figure 16. Distortion and noise vs. output voltage
amplitude
Figure 17. Distortion and noise vs. amplitude at Vicm =
VCC/2 and VCC = 12 V
Figure 18. Distortion and noise vs. frequency
LMC7101
Electrical characteristic curves
DS13567 - Rev 1
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com