Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101ILT Datasheet(PDF) 12 Page - STMicroelectronics

Part # LMC7101ILT
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMC7101ILT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LMC7101ILT Datasheet HTML 8Page - STMicroelectronics LMC7101ILT Datasheet HTML 9Page - STMicroelectronics LMC7101ILT Datasheet HTML 10Page - STMicroelectronics LMC7101ILT Datasheet HTML 11Page - STMicroelectronics LMC7101ILT Datasheet HTML 12Page - STMicroelectronics LMC7101ILT Datasheet HTML 13Page - STMicroelectronics LMC7101ILT Datasheet HTML 14Page - STMicroelectronics LMC7101ILT Datasheet HTML 15Page - STMicroelectronics LMC7101ILT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AF
AFT AFV
×
=
AF is calculated using the temperature and voltage defined in the mission profile of the product. The AF value can
then be used in Equation 5 to calculate the number of months of use equivalent to 1000 hours of reliable stress
duration.
Equation 5
Months
AF 1000 h
×
12 months 24 h
365.25 days
×
(
)
×
=
/
To evaluate the op amp reliability, a follower stress condition is used where VCC is defined as a function of the
maximum operating voltage and the absolute maximum rating (as recommended by JEDEC rules).
The Vio drift (in µV) of the product after 1000 h of stress is tracked with parameters at different measurement
conditions (see Equation 6).
Equation 6
VCC
maxVop with Vicm
VCC 2
=
=
/
The long term drift parameter (ΔVio), estimating the reliability performance of the product, is obtained using the
ratio of the Vio (input offset voltage value) drift over the square root of the calculated number of months (Equation
7).
Equation 7
∆Vio
Viodrift
month s
(
)
=
Where Vio drift is the measured drift value in the specified test conditions after 1000 h stress duration.
5.4
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible to the power supply
pins.
5.5
Macromodel
Accurate macromodels of the LMC7101 device are available on the STMicroelectronics’ website at: www.st.com.
These models are a trade-off between accuracy and complexity (that is, time simulation) of the LMC7101
operational amplifier. They emulate the nominal performance of a typical device within the specified operating
conditions mentioned in the datasheet. They also help to validate a design approach and to select the right
operational amplifier, but they do not replace on-board measurements.
LMC7101
PCB layouts
DS13567 - Rev 1
page 12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com