Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7886 Datasheet(PDF) 8 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT7886
Description  100V Input, 3.5A, Switching Current Limit Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT7886 Datasheet(HTML) 8 Page - Jiaxing Heroic Technology Co.,Ltd.

Back Button HT7886 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 10Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 11Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 12Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HT7886
Buck Converter
Copyright©2023, Heroic Technology
-8-
8/2023 – V1.2
◼ APPLICATION INFORMATION
1 Hysteresis Current Control with Adaptive Threshold Adjustment
The HT7886 operates in a hysteretic voltage-control mode to
regulate the output voltage. FB is connected to the tap of a
resistor divider, which determines the output voltage. The
power MOSFET is turned on when the FB voltage (VFB) drops
to 185mV and remains on until VFB rises to 215mV. The power
MOSFET is turned off when VFB rises to 215mV and remains
off until VFB falls to 185mV. The two thresholds of 215mV and
185mV are adjusted adaptively to compensate for all the
circuit delays, so the output voltage is regulated with an
average 200mV value at FB.
HT7886 在滞后电压控制模式下工作,以调
节输出电压。
FB 连接到电阻分压器的中间,电
阻分压器决定输出电压。当
FB 电压(VFB)降
至
185mV 时,功率 MOSFET 开启,并保持开
启状态,直到
VFB 升至 215mV。当 VFB 上升到
215mV 时,功率 MOSFET 关闭,并保持关闭状
态,直到
VFB 下降到 185mV。215mV 和 185mV
的两个阈值自适应调整,以补偿所有电路延迟,
因此输出电压在
FB 处以平均 200mV 值调节。
2 Enable (EN) Control
The HT7886 has a dedicated enable control pin (EN) with
positive logic. Its falling threshold is 1.3V, and its rising
threshold is 1.7V.
When floating, EN is pulled up to about 2.5V by an internal
2µA current source, so it is enabled. A current over 2µA is
needed to pull EN down.
HT7886 的 EN 脚高电平有效,控制芯片使
能。其下降阈值为
1.3V,上升阈值为 1.7V。
悬空时,
EN 被内部 2µA 电流源拉高至约
2.5V,芯片使能。需要超过 2µA 的电流才能将
EN 下拉。
3 Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by an external
bootstrap capacitor. This floating driver has its own under-
voltage lockout (UVLO) protection. The UVLO rising
threshold is 2.2V with a hysteresis of 150mV.
The bootstrap capacitor is charged and regulated to about 5V
by the dedicated internal bootstrap regulator.
功率
MOSFET 驱动由外部自举电容器供电。
该功率管有其自身的欠压锁定(
UVLO)保护。
UVLO 上升阈值为
。
内部自举调节器通过外部自举电容充电调
节至约
5V。
4 Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to protect the
chip from operating at an insufficient supply voltage. The
UVLO rising threshold is about 4V, while its falling threshold
is a consistent 3.6V.
欠压锁定(
UVLO)功能可避免芯片工作在
电源电压不足的条件。
UVLO 上升阈值约为 4.7V,
下降阈值为
4.4V
5 Dimming Function for LED
Because the FB reference of the HT7886 is very low, it is
recommended to use the HT7886 for LED drivers by
connecting the LED current sense resistor between FB and
GND. In such applications, the HT7886 uses DIM for
dimming. To achieve dimming, apply a pulse on DIM. The
high level of the pulse should be >1.5V, and the low level
should be <0.5V. The frequency can be as high as 20kHz.
由于
HT7886 的 FB 参考极低,将 HT7886
用于
LED 驱动器时,建议在 FB 和 GND 之间连
接
LED 电流感应电阻器。在此类应用中,
HT7886 使用 DIM 进行调光。要实现调光,在
DIM 引脚上加脉冲信号。脉冲的高电平应大于
1.5V,低电平应小于 0.5V。频率可高达 20kHz。
6 Thermal Shutdown
Thermal shutdown is implemented to prevent the chip from
operating at exceedingly high temperatures. When the silicon
die temperature is higher than its upper threshold, the entire
chip shuts down. When the temperature is lower than its lower
threshold, the chip is enabled again.
过热关断保护是为了防止芯片在极高的温
度下工作。当芯片温度高于其上限阈值时,整个
芯片关闭。当温度低于其下限阈值时,芯片再次
启用。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com