Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7886 Datasheet(PDF) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT7886
Description  100V Input, 3.5A, Switching Current Limit Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT7886 Datasheet(HTML) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT7886 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HT7886
Buck Converter
Copyright©2023, Heroic Technology
-3-
8/2023 – V1.2
◼ ORDERING INFORMATION
Part Number
Production Tracking Code
1
YYYMAAB is production tracking code
Part Number
Package Type
Marking
Operating Temperature
Range
Shipping Package / MOQ
HT7886SPER
ESOP8 (SPE)
HT7886SP
YYYMAAB1
-40℃~125℃
Tape and Reel / 2500pcs
HT7886SPET
ESOP8 (SPE)
HT7886SP
YYYMAAB
-40℃~125℃
Tube / 100pcs
HT7886
SPE
R
Shipping Package
Package Type
Model
YYY
AA
B
Random Code
Lot Number
Internal Code
M
Date Code – Month
1~9, Jan.~Sep.; J, Otc.; Q, Nov.; K, Dec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com