Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE1200 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE1200
Description  Crystal Oscillator (PXO) 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE1200 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE1200 Datasheet HTML 1Page - Advanced XTAL Products AXE1200 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXE1200
.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE1200
Issue: 04
Date: 2008-01-25
Oscillator type :
Crystal Oscillator (PXO) 1200 MHz
Parameter
min.
typ. max. Unit
Condition
Nominal frequency
1 200
MHz
Frequency stability
ppm
Initial tolerance
±1
ppm
@25°C
vs. temperature
in operating temperature range
±50
ppm
Steady state
operating temperature range
-30
+85
°C
vs. supply voltage variation
±0.2
ppm
VS ±5%
vs. load change
±0.1
ppm
Load ±5%
long term (aging) 1
st year
±2
ppm
@ +25°C
long term (aging) following years
±1
ppm/y
per year @ +25°C
Frequency adjustment range
Mechanical (internal trimmer)
N.A.
ppm
N.A.
RF output
Signal waveform
Sine wave
Load
50
Ω
±10 %
Amplitude
+7
dBm
Phase noise
-140
-142
-135
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 kHz
@ 100 kHz
@ 1 MHz
Start-up time
10
ms
Supply voltage VS
14.25
15
15.75 V
Current consumption (steady state @ +25°C)
50
mA
@25°C
Operable temperature range
-40
+90
°C
Storage temperature range
-55
+105
°C
Enclosure (see drawing) (LxWxH)
54 x 40 x 20
mm
Weight
60
gram
Packing
bulk
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Frequency [MHz]
AXE1200
1200


Similar Part No. - AXE1200

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
PXO for WLAN Test Equipment
Date: 2004-03-24
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
More results

Similar Description - AXE1200

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Micro Analog systems
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
logo
Advanced XTAL Products
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
logo
TEMEX
SRB660 TEMEX-SRB660 Datasheet
258Kb / 4P
Ultra Low Noise Voltage Controlled 1200 MHz SAW Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0153A TAI-SAW-TW0153A Datasheet
180Kb / 4P
7.0x5.0 PECL Crystal Oscillator 53.125 MHz
logo
Johanson Technology Inc...
0500DP44A1215 JOHANSON-0500DP44A1215 Datasheet
120Kb / 2P
1200 /1200 MHz Diplexer (BPF/BRF)
logo
RF Monolithics, Inc
XO3001 RFM-XO3001 Datasheet
300Kb / 3P
125 MHz Crystal Oscillator
logo
Silicon Laboratories
SI510 SILABS-SI510 Datasheet
234Kb / 26P
CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
logo
List of Unclassifed Man...
501-33920 ETC-501-33920 Datasheet
123Kb / 1P
10 MHz-SC Onyx IV Crystal Oscillator
04-28-21
501-33924 ETC-501-33924 Datasheet
144Kb / 1P
100 MHz-SC ONYX IV Crystal Oscillator
04-28-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com