Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD767 Datasheet(PDF) 1 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD767
Description  Supports XPD-LINK™ interconnect USB single-port controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD767 Datasheet(HTML) 1 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

  XPD767 Datasheet HTML 1Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 2Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 3Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD767 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
XPD701 (NO.S&CIC2288)
支持
XPD-LINKTM 互联 USB 单口控制器
第
1 页 共 15 页
Version 1.7
1 特性
支持 USB Type-C 协议
- 配置为 DFP(Source)
- 广播 3A/1.5A 电流
支持 USB Power Delivery(PD)3.1 以及
PPS 协议
- 通过 PD3.1 和 PPS 认证(TID:8739)
- PDO 可配置:5V,9V,12V,15V,20V
- 输出功率高至 100W
- APDO 可配置:5V Prog,9V Prog,15V
Prog,20V Prog
支持 XPD-LINKTM
多芯片互联通信技术
支持 Quick Charge 3.0+/3.0/2.0+协议
集成 CC、CV 控制环路
集成对 E-Marker 线缆的识别和支持
支持在线升级功能
支持线损补偿功能
- 支持小米 CHARGE TURBO 27W 协议
支持华为 FCP/SCP/HVSCP 协议
支持三星 AFC 协议
支持 VOOC 协议
支持 MTK PE 协议
支持 USB BC1.2 DCP
支持 Apple 2.4A 充电规范
多重保护、高可靠性
- 输入过压、欠压保护
- 输出过压、过流保护
- 短路保护
- 过温保护
- NTC
- 全引脚 ESD ±4KV
QFN16 4*4 封装
2 应用
ACDC 适配器
智能排插
USB 多口充电设备
电话:0755-83387360  手机:13826508770(王先生) 邮箱: 3007605919@qq.com  网址:www.sztssd.com  地址:深圳市福田区中航路鼎诚国际南座18楼1814室


Similar Part No. - XPD767

ManufacturerPart #DatasheetDescription
logo
SHEN ZHEN FINE MADE ELE...
XPD767 SUPERCHIP-XPD767 Datasheet
2Mb / 14P
USB Type-C PD and Type-A dual-port controller
Version 1.4
logo
ShenZhen ChipSourceTek ...
XPD767 CHIPSOURCETEK-XPD767 Datasheet
1Mb / 17P
Supports XPD-LINK™ interconnect USB dual-port controller
XPD767A CHIPSOURCETEK-XPD767A Datasheet
1Mb / 17P
Supports XPD-LINK™ interconnect USB dual-port controller
XPD767B CHIPSOURCETEK-XPD767B Datasheet
1Mb / 17P
Supports XPD-LINK™ interconnect USB dual-port controller
XPD767B18 CHIPSOURCETEK-XPD767B18 Datasheet
1Mb / 17P
Supports XPD-LINK™ interconnect USB dual-port controller
More results

Similar Description - XPD767

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL650USB ETC-GL650USB Datasheet
210Kb / 16P
USB 4 PORT HUB CONTROLLER
GL652 ETC-GL652 Datasheet
190Kb / 17P
USB 7 PORT HUB CONTROLLER
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
Texas Instruments
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
USB Port SP2T Switch Supports USB & UART
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Seaward Electronics Inc...
SE2513 SEAWARD-SE2513 Datasheet
267Kb / 8P
Dual/Single USB Charger Port Controller
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com