Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD977 Datasheet(PDF) 5 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD977
Description  Supports XPD-LINK™ interconnect USB single-port controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD977 Datasheet(HTML) 5 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

  XPD977 Datasheet HTML 1Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 2Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 3Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
XPD701 (NO.S&CIC2288)
支持
XPD-LINKTM 互联 USB 单口控制器
第
5 页 共 15 页
Version 1.7
6 订购信息
料号
PDO 和 QC 参数配置
封装
高功率
PDO:
5V/3A,9V/3A ,15V/2.33A,20V/1.75A
QC 高功率:
5V/3A,9V/3A,12V/2.25A,20V/1.35A
低功率
PDO:
5V/3A,9V/1.94A, 15V/1.16A,20V/0.87A
QC 低功率:
5V/3A,9V/1.65A,12V/1.2
XPD701D3517A
5A
高功率
PDO:5V/3A,9V/3A,15V/3A,20V/2.25A
高功率
APDO1:3.3-11V/5A
高功率
APDO2:3.3-21V/2.25A
QC 高功率:
5V/3A,9V/3A,12V/3A,20V/2.25A
低功率
PDO:5V/3A,9V/2.77A,12V/2.08A
低功率
APDO1:3.3-11V/2.25A
低功率
APDO2:3.3-21V/1.2A
QC 低功率:
5V/3A,9V/2A,
XPD701DP
QFN16
5K/盘
S4525
12V/1.5A
高功率
PDO:
5V/3A,9V/3A,12V/3A,15V/3A,20V/5A
高功率
APDO1:3.3-16V/5A
高功率
APDO2:3.3-21V/5A
QC 高功率:
5V/3A,9V/3A,12V/3A,20V/2.25A
低功率
PDO:
5V/3A,9V/3A,12V/3A,15V/3A,20V/3.25A
低功率
APDO1:3.3-16V/3.25A
低功率
APDO2:3.3-21V/3A
QC 低功率:
XPD701DP10065
5V/3A,9V/3A,12V/3A,20V/2.25A
可定制
根据客户需求定制
印字说明
:
第一行
,
XPD701:芯片型号;
第二行
,
XXXXX:Lot Number,X:保留信息。
1、以上料号默认不开启
SCP,VOOC,如需要支持,定制时需提前说明
2、芯片调压方式默认为 VFB 调压,注意 ACDC 方案需要增加外部反馈电阻,如需采用内置,需要提
前说明。
电话:0755-83387360  手机:13826508770(王先生) 邮箱: 3007605919@qq.com  网址:www.sztssd.com  地址:深圳市福田区中航路鼎诚国际南座18楼1814室



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com