Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD977 Datasheet(PDF) 8 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD977
Description  Supports XPD-LINK™ interconnect USB single-port controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD977 Datasheet(HTML) 8 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Back Button XPD977 Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 10Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 11Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD977 Datasheet HTML 12Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
XPD701 (NO.S&CIC2288)
支持
XPD-LINKTM 互联 USB 单口控制器
第
8 页 共 15 页
Version 1.7
7.5 电气特性
如无特殊说明,下述参数均在该条件下取得:
TJ= 25℃,3.3V≤VIN≤21V
参数
测试条件
最小
典型
最大
单位
芯片供电相关(
VIN,VBUS)
VVIN_TH
Rising
VIN UVLO 门限
edge
3.2
Falling
V
edge
2.7
Hysteresis
0.5
ISUPP
VPWR=5V,
典型工作电流
VBUS=5V
3
mA
Voltage Protection (VBUS)
Fast OVP 门限,
always
VFOVP
enabled
Ref to target voltage
+20%
V
VSOVP
Ref to target
Slow OVP 门限
voltage
+15%
V
VSUVP
Ref to target voltage
-22%
V
VBUS UVP 门限
CC1/CC2/DM1/DP1
VPAD_SHORT
过压保护门限
Ref to target voltage
5.5
V
Transmitter (CC1, CC2)
RTX
Output resistance
During transmission
33
48
75
Ω
VTXHI
Transmit HIGH
1.05
1.125
1.2
V
VTXLO
Transmit LOW
-75
75
mV
tUI
3.05
3.3
3.70
us
Bit unit interval
Rise/fall time of
tBMC
BMC
Rload=5.1k,Cload=1nF
300
600
ns
Receiver (CC1, CC2)
VRXHI
Receive HIGH
800
840
885
mV
VRXLO
Receive LOW
485
525
570
CC1/CC2Broadcasti
ng
IRP_SRC
current
3A DFP mode, 0
≤������������≤2.5V 304 330 356 uA
DFP mode, 0
≤VCCX
1.5A
≤
1.5V
166
180
194
uA
OCP
Shunt voltage when
OCP
VITRIP
tripped
Ref to Power Capability(pd)
10
A
OTP (internal)
TJ1
Temperature rising
Die temperature
edge
125
135
145
℃
Hysteresis
20
℃
HVDCP interface (DP, DM)
VDAT(REF)
数据线检测电压
0.25
0.325
0.4
V
VSEL(REF)
输出电压选择
1.8
2
2.2
V
D+高电平扰动滤
TGLITCH(DP)HIGH
波时间
1
1.25
1.5
s
D-低电平扰动滤
TGLITCH(DM)LOW
波时间
1
ms
输出电压扰动滤
TGLITCH(V)CHANGE
波时间
20
40
60
ms
连续模式的扰动
TGLITCH(CONT)CHANGE
滤波时间
100
150
200
us
电话:0755-83387360  手机:13826508770(王先生) 邮箱: 3007605919@qq.com  网址:www.sztssd.com  地址:深圳市福田区中航路鼎诚国际南座18楼1814室



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com