Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA027 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA027
Description  SBC CODEC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA027 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA027 Datasheet HTML 26Page - STMicroelectronics STA027 Datasheet HTML 27Page - STMicroelectronics STA027 Datasheet HTML 28Page - STMicroelectronics STA027 Datasheet HTML 29Page - STMicroelectronics STA027 Datasheet HTML 30Page - STMicroelectronics STA027 Datasheet HTML 31Page - STMicroelectronics STA027 Datasheet HTML 32Page - STMicroelectronics STA027 Datasheet HTML 33Page - STMicroelectronics STA027 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
5 Register description
STA027
30/44
CD00066274
Description :
After a soft reset, user must write 0 in CK_CMD to run the core clock of the chip. This will begin
the boot of the chip, and so get it out of its idle state.
5.8.3
DEC_SEL :
Address : 0x55 (85)
Type : RW - DEC
Software Reset : 0
Description :
This register select the encoder/decoder data flux according the mode written in following table
Table 18.
.
5.8.4
RUN :
Address : 0x56 (86)
Type : RW - DEC
Software Reset : 0
Description :
When a software reset occurs, register RUN is reset (value 0) by the dsp (see I).
When boot routines are finished, the dsp write inside RUN register the value 2 : this is
the start of the external configuration period (start of DEC : see I).
When the external device wants to end the external configuration period, it must write
the value 1 inside the register RUN: this is the run command that starts the decoding
process (see I).
b7
b6
b5
b4
b3
b2
b1
b0
Bit(7:0)
Mode
10
SINE (test mode chip alive)
18
SBC decoder
19
ADC/GPSO SBC encoder
21
SDI/GPSO SBC encoder
22
ADC/SDO SBC encoder
Note:
available modes depends on patch code used
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com