Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS9001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # THS9001
Description  50 MHz to 350 MHz CASCADEABLE AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THS9001 Datasheet(HTML) 2 Page - STMicroelectronics

  THS9001_08 Datasheet HTML 1Page - STMicroelectronics THS9001_08 Datasheet HTML 2Page - STMicroelectronics THS9001_08 Datasheet HTML 3Page - STMicroelectronics THS9001_08 Datasheet HTML 4Page - STMicroelectronics THS9001_08 Datasheet HTML 5Page - STMicroelectronics THS9001_08 Datasheet HTML 6Page - STMicroelectronics THS9001_08 Datasheet HTML 7Page - STMicroelectronics THS9001_08 Datasheet HTML 8Page - STMicroelectronics THS9001_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
THS9001
SLOS426B – NOVEMBER 2003 – REVISED JANUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES(1)
PACKAGE TYPE
TRANSPORT MEDIA, QUANTITY
THS9001DBVT
Tape and Reel, 250
SOT-23-6
THS9001DBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
over operating free-air temperature (unless otherwise noted)(1)
UNIT
VSS
Supply voltage, GND to VS
5.5 V
VI
Input voltage
GND to VS
Continuous power dissipation
See Dissipation Ratings
Table
TJ
Maximum junction temperature
150
°C
TJ
Maximum junction temperature, continuous operation, long term reliability (2)
125
°C
Tstg
Storage temperature
-65
°C to 150°C
HBM
2000
ESD Ratings
CDM
1500
MM
100
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
POWER RATING(1)
Θ
JC
Θ
JA
PACKAGE
(
°C/W)
(
°C/W)
TA≤ 25°C
TA = 85°C
DBV(2)
70.1
216
463 mW
185 mW
(1)
Power rating is determined with a junction temperature of 125
°C. Thermal management of the final PCB should strive to keep the
junction temperature at or below 125
°C for best performance.
(2)
This data was taken using the JEDEC standard High-K test PCB.
MIN
NOM
MAX
UNIT
VSS
Supply voltage
2.7
5
V
TA
Operating free-air temperature,
-40
85
°C
IS
Supply current
100
mA
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com