Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS9001 Datasheet(PDF) 3 Page - STMicroelectronics

Part # THS9001
Description  50 MHz to 350 MHz CASCADEABLE AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THS9001 Datasheet(HTML) 3 Page - STMicroelectronics

  THS9001_08 Datasheet HTML 1Page - STMicroelectronics THS9001_08 Datasheet HTML 2Page - STMicroelectronics THS9001_08 Datasheet HTML 3Page - STMicroelectronics THS9001_08 Datasheet HTML 4Page - STMicroelectronics THS9001_08 Datasheet HTML 5Page - STMicroelectronics THS9001_08 Datasheet HTML 6Page - STMicroelectronics THS9001_08 Datasheet HTML 7Page - STMicroelectronics THS9001_08 Datasheet HTML 8Page - STMicroelectronics THS9001_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
1
2
3
6
5
4
BIAS
IF(IN)
GND
VS
IF(OUT)
L(COL)
VS
L(COL)
IF(OUT)
GND
Bias
IF(IN)
THS9001
SLOS426B – NOVEMBER 2003 – REVISED JANUARY 2007
Typical Performance (V
S = 5 V, R(BIAS) = 237 Ω, L(COL) = 470 nH) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
f = 50 MHz
15.8
Gain
dB
f = 350 MHz
15.0
f = 50 MHz
35
OIP3
dBm
f = 350 MHz
37
f = 50 MHz
20.6
1-dB compression
dBm
f = 350 MHz
20.6
f = 50 MHz
15.4
Input return loss
dB
f = 350 MHz
16.6
f = 50 MHz
17
Output return loss
dB
f = 350 MHz
15
f = 50 MHz
20.7
Reverse isolation
dB
f = 350 MHz
20.7
f = 50 MHz
3.7
Noise figure
dB
f = 350 MHz
4
PIN ASSIGNMENT
Terminal Functions
Pin Numbers
Name
Description
1
IF(IN)
Signal input
2
GND
Negative power supply input
3
VS
Positive power supply input
4
L(COL)
Output transistor load inductor
5
IF(OUT)
Signal output
6
BIAS
Bias current input
SIMPLIFIED SCHEMATIC
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com