Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CD Datasheet(PDF) 19 Page - STMicroelectronics

Part # TL051CD
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TL051CD Datasheet HTML 15Page - STMicroelectronics TL051CD Datasheet HTML 16Page - STMicroelectronics TL051CD Datasheet HTML 17Page - STMicroelectronics TL051CD Datasheet HTML 18Page - STMicroelectronics TL051CD Datasheet HTML 19Page - STMicroelectronics TL051CD Datasheet HTML 20Page - STMicroelectronics TL051CD Datasheet HTML 21Page - STMicroelectronics TL051CD Datasheet HTML 22Page - STMicroelectronics TL051CD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
DISTRIBUTION OF TL051
INPUT OFFSET VOLTAGE
8
–1.5
0
VIO – Input Offset Voltage – mV
4
12
16
–0.9
–0.3
0
0.3
0.9
1.5
433 Units Tested From 1 Wafer Lot
VCC
± = ±15 V
TA = 25°C
P Package
–1.1
–0.6
0.6
1.1
Figure 7
DISTRIBUTION OF TL051A
INPUT OFFSET VOLTAGE
20
16
12
8
4
900
600
300
0
–300
–600
VIO – Input Offset Voltage – µV
0
–900
393 Units Tested From 1 Wafer Lot
VCC
± = ±15 V
TA = 25°C
P Package
Figure 8
–1.5
0
VIO – Input Offset Voltage – mV
–0.9
–0.3
0
0.3
0.9
1.5
3
6
9
12
15
DISTRIBUTION OF TL052
INPUT OFFSET VOLTAGE
476 Amplifiers Tested From 1 Wafer Lot
VCC
± = ±15 V
TA = 25°C
P Package
–1.2
–0.6
0.6
1.2
Figure 9
0
–900
–600
–300
0
300
600
900
5
10
15
20
VIO – Input Offset Voltage – µV
TA = 25°C
DISTRIBUTION OF TL052A
INPUT OFFSET VOLTAGE
403 Amplifiers Tested From 1 Wafer Lot
VCC
± = ±15 V
P Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com