Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CD Datasheet(PDF) 36 Page - STMicroelectronics

Part # TL051CD
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CD Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TL051CD Datasheet HTML 32Page - STMicroelectronics TL051CD Datasheet HTML 33Page - STMicroelectronics TL051CD Datasheet HTML 34Page - STMicroelectronics TL051CD Datasheet HTML 35Page - STMicroelectronics TL051CD Datasheet HTML 36Page - STMicroelectronics TL051CD Datasheet HTML 37Page - STMicroelectronics TL051CD Datasheet HTML 38Page - STMicroelectronics TL051CD Datasheet HTML 39Page - STMicroelectronics TL051CD Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 73
0
40
°
CL – Load Capacitance – pF
100
70
°
10
20
30
40
50
60
70
80
90
45
°
50
°
55
°
60
°
65
°
VI = 10 mV
RL = 2 kΩ
TA = 25°C
See Figure 4
VCC
± = ±15 V
See Note A
VCC
± = ±5 V
TL051
PHASE MARGIN†
vs
LOAD CAPACITANCE
Figure 74
0
CL – Load Capacitance – pF
70
°
10
20
30
40
50
60
70
80
90
45
°
50
°
55
°
60
°
65
°
VI = 10 mV
RL = 2 kΩ
TA = 25°C
See Figure 4
VCC
± = ±15 V
See Note A
VCC
± = ±5 V
TL052
PHASE MARGIN†
vs
LOAD CAPACITANCE
100
0
CL – Load Capacitance – pF
100
70
°
10
20
30
40
50
60
70
80
90
45
°
50
°
55
°
60
°
65
°
VI = 10 mV
RL = 2 kΩ
TA = 25°C
See Figure 4
VCC
± = ±15 V
See Note A
VCC
± = ±5 V
TL054
PHASE MARGIN†
vs
LOAD CAPACITANCE
Figure 75
† Values of phase margin below a load capacitance of 25 pF were estimated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com