Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMS-1W Datasheet(PDF) 2 Page - Mini-Circuits

Part # LRMS-1W
Description  Surface Mount Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LRMS-1W Datasheet(HTML) 2 Page - Mini-Circuits

  LRMS-1W Datasheet HTML 1Page - Mini-Circuits LRMS-1W Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
Page 2 of 2
Performance Charts
CONVERSION LOSS
5.0
6.0
7.0
8.0
0
150
300
450
600
750
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
at IF Freq of 30 MHz
L-R ISOLATION
10
20
30
40
50
60
70
80
90
100
0
150
300
450
600
750
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
RF VSWR
1.0
1.4
1.8
2.2
2.6
3.0
0
150
300
450
600
750
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
LRMS 1W
L-I ISOLATION
0
10
20
30
40
50
60
70
0
150
300
450
600
750
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
LO VSWR
1.0
2.0
3.0
4.0
5.0
6.0
0
150
300
450
600
750
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
IF VSWR
1.0
1.4
1.8
2.2
2.6
3.0
5
154
303
452
601
750
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
LRMS-1W+
LRMS-1W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com