Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMS-1W Datasheet(PDF) 1 Page - Mini-Circuits

Part # LRMS-1W
Description  Surface Mount Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LRMS-1W Datasheet(HTML) 1 Page - Mini-Circuits

  LRMS-1W Datasheet HTML 1Page - Mini-Circuits LRMS-1W Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
Page 1 of 2
Level 7
(LO Power +7dBm)
2 to 750 MHz
Frequency Mixer
Surface Mount
CASE STYLE: QQQ130
PRICE: $6.75 ea. QTY (1-9)
Features
• low conversion loss, 5.83 dB typ.
• excellent L-R isolation, 45 dB typ.
Applications
• HF/VHF/UHF
• instrumentation
• cellular
Electrical Schematic
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Demo Board MCL P/N: TB-44
Suggested PCB Layout (PL-083)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
AB
C
D
E
F
G
.400
.31
.200
.10
.010
.100
.050
10.16
7.87
5.08
2.54
0.25
2.54
1.27
HJ
K
L
M
wt
.420
.120
.060
.100
.020
grams
10.67
3.05
1.52
2.54
0.51
0.55
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Electrical Specifications
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
LM
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
2-750
DC-750
5.83
.21
7.5
8.5
70
45
45
28
38
22
60
45
40
25
30
20
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
LRMS-1W+
LRMS-1W
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
REV. B
M102713
LRMS-1W
DJ/FL/CP/AM
061229
2.00
32.00
6.15
77.45
62.05
1.16
2.41
4.00
34.00
5.93
77.30
61.60
1.10
2.36
5.00
35.00
5.89
76.89
61.49
1.08
2.47
10.00
40.00
5.90
74.36
60.26
1.09
2.39
20.00
50.00
5.87
69.48
56.77
1.10
2.40
50.00
80.00
5.90
62.05
50.51
1.11
2.40
100.00
70.00
5.85
55.01
45.08
1.15
2.41
101.73
71.73
5.87
55.00
44.99
1.21
2.41
200.00
170.00
5.82
46.91
40.52
1.23
2.36
201.47
171.47
5.83
46.83
40.31
1.31
2.37
301.20
271.20
5.81
42.24
36.71
1.39
2.32
351.07
321.07
5.79
40.24
34.89
1.42
2.34
375.00
345.00
5.79
39.86
34.22
1.49
2.46
400.93
370.93
5.74
39.23
33.67
1.58
2.54
500.00
470.00
5.85
37.51
30.15
1.59
2.56
500.67
470.67
5.84
37.49
30.16
1.70
2.57
600.40
570.40
5.98
36.08
29.20
1.83
2.92
700.13
670.13
6.31
33.78
27.21
2.01
3.30
725.07
695.07
6.49
33.46
26.43
2.07
3.35
750.00
720.00
6.55
33.11
25.85
2.13
3.43


Similar Part No. - LRMS-1W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRMS-1 MINI-LRMS-1 Datasheet
367Kb / 2P
Frequency Mixer
LRMS-1+ MINI-LRMS-1+ Datasheet
367Kb / 2P
Frequency Mixer
LRMS-1H MINI-LRMS-1H Datasheet
352Kb / 2P
Frequency Mixer
LRMS-1H+ MINI-LRMS-1H+ Datasheet
352Kb / 2P
Frequency Mixer
LRMS-1HJ MINI-LRMS-1HJ Datasheet
379Kb / 2P
Frequency Mixer
More results

Similar Description - LRMS-1W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-6 MINI-ADE-6 Datasheet
68Kb / 1P
Surface Mount Frequency Mixer
logo
PREMIER DEVICES, INC.
MXB-0502-7 PDI-MXB-0502-7 Datasheet
40Kb / 1P
SURFACE MOUNT MIXER
MXB-1002-17 PDI-MXB-1002-17 Datasheet
50Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-7 PDI-MXB-1003-7 Datasheet
40Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-17 PDI-MXB-1003-17 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-17H PDI-MXB-1003-17H Datasheet
54Kb / 1P
SURFACE MOUNT MIXER
MXB-1501-3 PDI-MXB-1501-3 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
MXB-1501-7 PDI-MXB-1501-7 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
logo
Mini-Circuits
MBA-671 MINI-MBA-671 Datasheet
126Kb / 1P
SURFACE MOUNT FREQUENCY MIXER
SIM-24MH+ MINI-SIM-24MH+ Datasheet
238Kb / 2P
Ceramic Surface Mount Frequency Mixer WIDE BAND
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com