Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCLD-033X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CCLD-033X
Description  5x7mm SMD LVDS Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CCLD-033X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCLD-033X Datasheet HTML 1Page - List of Unclassifed Manufacturers CCLD-033X Datasheet HTML 2Page - List of Unclassifed Manufacturers CCLD-033X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LVDS Clock Oscillator
CCLD-033 5x7mm SMD
Rev.: D
Date: 10-10-07
Frequency Range:
77.760Mhz to 161.000Mhz
Frequency Stability Options(ppm):
±20, ±25, ±50, ±100
Temperature Range: (standard)
0°C to +70°C
(Option M)
-20°C to +70°C
(Option X)
-40°C to +85°C
Storage:
-55°C to 120°C
Input Voltage:
3.3V ± 0.3V
Input Current:
45mA Typ., 66mA Max
Output:
Differential LVDS
Symmetry:
45/55% Max @ 50%Vdd
Rise/Fall Time:
1nsec Max @ 20% to 80% Vdd
Load: 100 Ohms
Connected between OUT and COUT
Logic:
Output Voltage Levels “0”=0.90 Min., 1.10 Typ.
“1”=1.43 Typ., 1.60 Max
Differential Output Voltage:
247mV Min., 454mV Max
Disable Time
200nSec Max
Enable Time
2mSec Max
Phase Jitter:
12KHz~80MHz
0.5psec Typ., 1psec RMS Max
Phase Noise:
(See Plot Below)
Sub-harmonics:
None
Aging:
<3ppm 1st/yr, <1ppm every year thereafter
Typical Phase Noise Plot



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com