Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCLD-033X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CCLD-033X
Description  5x7mm SMD LVDS Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CCLD-033X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CCLD-033X Datasheet HTML 1Page - List of Unclassifed Manufacturers CCLD-033X Datasheet HTML 2Page - List of Unclassifed Manufacturers CCLD-033X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LVDS Clock Oscillator
CCLD-033 5x7mm SMD
Rev.: D
Date: 10-10-07
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical
Temperature Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
0.055 Typ
(1.40 Typ)
0.100
(2.54)
0.200
(5.08)
0.045 ±0.008
(1.14 ±0.20)
#1
#2
#3
#4
#5
#6
0.274 ±0.007
(6.96 ±0.18)
0.193 ±0.007
(4.90 ±0.18)
Denotes pad 1
0.045 ±0.008
(1.14 ±0.20)
Pad Connection
1
Enable/Disable
2
N/C
3
GND
4
Out
5
Comp. Out
6
VCC
Part Number
Frequency
DC Lot Code
0.01uF Bypass Capacitor Recommended
SUGGESTED PAD LAYOUT
0.071 SQ
(1.80)
0.148
(3.75)
0.200
(5.08)
CCLD - 033 X - 50 - 155.520
#2 #3
#1
#5
#4
#1 Crystek LVDS Osc.
#2 Model 033
#3 Temp. Range (Blank=0/70
°C)(M=-20/70°C)(X=-40/85°C)
#4 Stability: (see Table 1)
#5 Frequency in MHz: 3 or 6 decimal places
Example:
CCLD-033X-50-155.520
3.3V, -40/85°C, ±50ppm, 155.520 MHz
Stability Indicator
Blank(std) ±100ppm
50
±50ppm
25
±25ppm
20
±20ppm
Table 1
PART NUMBER GUIDE
Mechanical:
Shock:
Solderability:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
Environmental:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition I or J
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Tri-State Function
Pin #1
State
Output
State
Open or N/C
Active
“1” level 0.7*Vcc Min Active
“0”level 0.3*Vcc Max High Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com