| Electronic Components Datasheet Search |
|
TLE2062BMFKB Datasheet(PDF) 58 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2062BMFKB Datasheet(HTML) 58 Page - Texas Instruments |
|
58 / 78 page ![]() TLE206x, TLE206xA, TLE206xB EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE µPOWER OPERATIONAL AMPLIFIERS SLOS193B − FEBRUARY 1997 − REVISED MAY 2004 58 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION macromodel information Macromodel information provided was derived using Microsim Parts , the model generation software used with Microsim PSpice . The Boyle macromodel (see Note 5) and the subcircuit in Figure 46 were generated using the TLE206x typical electrical and operating characteristics at 25 °C. Using this information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most cases). D Unity-gain frequency D Common-mode rejection ratio D Phase margin D DC output resistance D AC output resistance D Short-circuit output current limit D Maximum positive output voltage swing D Maximum negative output voltage swing D Slew rate D Quiescent power dissipation D Input bias current D Open-loop voltage amplification NOTE 5: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal of Solid-State Circuits, SC-9, 353 (1974). OUT + − + − + − + − + − + − + − +− .subckt TLE2062 1 2 3 4 5 c1 11 12 1.457E−12 c2 6 7 15.00E−12 dc 5 53 dx de 54 5 dx dlp 90 91 dx dln 92 90 dx dp 4 3 dx egnd 99 0 poly (2) (3,0) (4,0) 0 .5 .5 fb 7 99 poly (5) vb vc ve vlp + vln 0 4.357E6 − 4E6 4E6 4E6 − 4E6 ga 6 0 11 12 188.5E−6 gcm 0 6 10 99 3.352E−9 iss 3 10 dc 51.00E−6 hlim 90 0 vlim 1k j1 11 2 10 jx j2 12 1 10 jx r2 6 9 100.0E3 VCC + rp IN − 2 IN+ 1 VCC − rd1 11 j1 j2 10 rss iss 3 12 rd2 ve 54 de dp vc dc 4 C1 53 r2 6 9 egnd vb fb C2 gcm ga vlim 8 5 ro1 ro2 hlim 90 dip 91 din 92 vin vip 99 7 rd1 4 11 5.305E3 rd2 4 12 5.305E3 r01 8 5 280 r02 7 99 280 rp 3 4 113.2E3 rss 10 99 3.922E6 vb 9 0 dc 0 vc 3 53 dc 2 ve 54 4 dc 2 vlim 7 8 dc 0 vlp 91 0 dc 50 vln 0 92 dc 50 .model dx D(Is=800.0E−18) .model jx PJF(Is=2.000E−12 Beta = 423E−6 + Vto = − 1) .ends Figure 46. Boyle Macromodel and Subcircuit PSpice and Parts are trademarks of MicroSim Corporation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |