Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2062BMFKB Datasheet(PDF) 14 Page - Texas Instruments

Part # TLE2062BMFKB
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2062BMFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLE2062BMFKB Datasheet HTML 10Page - Texas Instruments TLE2062BMFKB Datasheet HTML 11Page - Texas Instruments TLE2062BMFKB Datasheet HTML 12Page - Texas Instruments TLE2062BMFKB Datasheet HTML 13Page - Texas Instruments TLE2062BMFKB Datasheet HTML 14Page - Texas Instruments TLE2062BMFKB Datasheet HTML 15Page - Texas Instruments TLE2062BMFKB Datasheet HTML 16Page - Texas Instruments TLE2062BMFKB Datasheet HTML 17Page - Texas Instruments TLE2062BMFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2061M electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2061M
TLE2061AM
TLE2061BM
UNIT
TA
MIN
TYP
MAX
TLE2061M
25
°C
0.8
3.1
TLE2061M
Full range
6
VIO
Input offset voltage
TLE2061AM
25
°C
0.6
2.6
mV
VIO
Input offset voltage
TLE2061AM
Full range
4.6
mV
TLE2061BM
25
°C
0.5
1.9
TLE2061BM
VIC = 0,
RS = 50 Ω
Full range
3.1
αVIO
Temperature coefficient of input offset voltage
VIC = 0,
RS = 50 Ω
Full range
6
µV/°C
Input offset voltage long-term drift (see Note 4)
25
°C
0.04
µV/mo
IIO
Input offset current
25
°C
1
pA
IIO
Input offset current
Full range
15
nA
IIB
Input bias current
25
°C
3
pA
IIB
Input bias current
Full range
30
nA
VICR
Common-mode input voltage range
25
°C
− 1.6
to
4
−2
to
6
V
VICR
Common-mode input voltage range
Full range
− 1.6
to
4
V
RL = 10 kΩ
25
°C
3.5
3.7
RL = 10 kΩ
Full range
3
VOM + Maximum positive peak output voltage swing
RL = 600 Ω
25
°C
2.5
3.6
V
VOM + Maximum positive peak output voltage swing
RL = 600 Ω
Full range
2
V
RL = 100 Ω
25
°C
2.5
3.1
RL = 100 Ω
Full range
2
RL = 10 kΩ
25
°C
− 3.5
− 3.9
RL = 10 kΩ
Full range
−3
VOM −
Maximum negative peak
FK and JG
RL = 600 Ω
25
°C
− 2.5
− 3.5
V
VOM −
Maximum negative peak
output voltage swing
FK and JG
packages
RL = 600 Ω
Full range
−2
V
output voltage swing
D and P
RL = 100 Ω
25
°C
− 2.5
− 2.7
D and P
packages
RL = 100 Ω
Full range
−2
VO = ± 2.8 V,
RL = 10 kΩ
25
°C
15
80
VO = ± 2.8 V,
RL = 10 kΩ
Full range
2
VO = 0 to 2.5 V, RL = 600 Ω
25
°C
1
65
FK and JG
VO = 0 to 2.5 V, RL = 600 Ω
Full range
0.5
AVD
Large-signal differential
FK and JG
packages
VO = 0 to −2.5 V,RL = 600 Ω
25
°C
1
16
V/mV
AVD
Large-signal differential
voltage amplification
packages
VO = 0 to −2.5 V,RL = 600 Ω
Full range
0.5
V/mV
voltage amplification
VO = 0 to 2 V,
RL = 100 Ω
25
°C
0.75
45
D and P
VO = 0 to 2 V,
RL = 100 Ω
Full range
0.5
D and P
packages
VO = 0 to − 2 V, RL = 100 Ω
25
°C
0.5
3
packages
VO = 0 to − 2 V, RL = 100 Ω
Full range
0.25
† Full range is − 55°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com