Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16488A Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # PDSP16488A
Description  I/Q Splitter/NCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488A Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button PDSP16488A Datasheet HTML 3Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 4Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 5Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 6Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 7Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 8Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 9Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 10Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PDSP16350
7
1
2
3
4
5
CLK
RESET
DATA IN
RESULT
32
33
34
35
A
B
A
B
Device Reset
Apply first data
First Result Available
C
D
JUMP
PI
36
37
Apply phase
increment
MODE
16 bit
Cordic
Sin / Cos
Generator
A/D
Converter
Phase
Increment
Value
Analog
Data
D17:0
D33:18
PDSP
16350
PDSP16256
EPROM
I
Q
O/P
DATA
Fig. 6 Amplitude Modulation (34bit frequency accuracy)
Fig. 5 IQ Split Function
Fig. 4 shows the operation of the device when loading the
phase increment directly from the DIN bus. First the device
must be reset then data is presented on each clock cycle. The
amplitude modulation value is presented on the most signifi-
cant 16 bits while the phase increment is presented on the
least significant 18 bits. The first valid result is obtained after
31 cycles. (In this mode the least significant 16 bits of the
phase increment register remain low).
Fig.6 shows the operation of the device when using the full
34 bits of the phase increment register. First the device must
be reset, then the full 34 bits of the phase increment register
are loaded from the DIN bus by taking signal JUMP high
before the rising edge of the clock. Following this new data can
be presented on each cycle of the clock. The amplitude
modulation value is presented on the most significant 16 bits
while the phase increment is presented on the least significant
18 bits. The least significant 16
bits of the phase increment reg-
ister remain fixed at the value
loaded using JUMP. The first
valid result is obtained after 31
cycles. When using JUMP to
load the phase increment regis-
ter, normal operation cannot be
maintained. This is because the
amplitude modulation value
normally presented on the most
significant 16 bits of the DIN bus
are replaced by part of the new
phase increment value.
The AM mode is useful in
systems requiring frequency
sweeps. By varying the ampli-
tudes at different frequencies, it
is possible to compensate for
the analog gain characteristics
of amplifiers further along in the
system.
It can also be used to generate the in-phase and quadra-
ture components of an analog waveform, which has been
digitized and which is to be processed using complex tech-
niques. Such a quadrature heterodyning system, alternatively
known as an IQ splitter, is shown in Fig. 5.
The output from an A/D converter drives the D33:18 inputs
of the PDSP16350. If all sixteen inputs are not required, the
unused least significant bits should be tied to ground, and the
more significant inputs connected to the A/D converter. Multi-
plying an input signal with a local oscillator in this manner
produces both sum and difference components. The former
can be removed by using the PDSP16256 Programmable FIR
Filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com