Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16488A Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # PDSP16488A
Description  I/Q Splitter/NCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488A Datasheet(HTML) 3 Page - Mitel Networks Corporation

  PDSP16488A Datasheet HTML 1Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 2Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 3Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 4Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 5Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 6Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 7Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 8Page - Mitel Networks Corporation PDSP16488A Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PDSP16350
3
GC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
SIG
N/C
CEN
N/C
SIN0
SIN1
SIN2
GND
VDD
SIN3
SIN4
N/C
SIN5
SIN6
N/C
SIN7
SIN8
VDD
GND
SIN9
N/C
SIN10
SIN11
N/C
SIN12
SIN13
SIN14
VDD
GND
SIN15
VIN
N/C
N/C
RESET
GC
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
SIG
N/C
VOUT
DIN33
GND
VDD
DIN32
N/C
DIN31
DIN30
N/C
DIN29
DIN28
N/C
DIN27
GND
VDD
DIN26
DIN25
DIN24
DIN23
VDD
DIN22
GND
DIN21
VDD
DIN20
DIN19
GND
VDD
DIN18
MODE
JUMP
VDD
GC
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
SIG
GND
DIN17
N/C
DIN16
DIN15
GND
VDD
DIN14
DIN13
DIN12
N/C
DIN11
DIN10
N/C
DIN9
GND
VDD
DIN8
DIN7
DIN6
N/C
DIN5
N/C
DIN4
DIN3
VDD
GND
DIN2
DIN1
N/C
DIN0
N/C
CLK
GC
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
SIG
GND
VDD
GND
N/C
COS15
COS14
N/C
COS13
COS12
N/C
COS11
N/C
COS10
COS9
VDD
GND
COS8
COS7
N/C
COS6
COS5
N/C
COS4
N/C
COS3
COS2
N/C
COS1
VDD
GND
COS0
OES
OEC
Fig.2B Pin out (132 pin ceramic QFP - GC132)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com